Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T610H Datasheet(PDF) 2 Page - STMicroelectronics

Part # T610H
Description  High temperature 6 A sensitive TRIACs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T610H Datasheet(HTML) 2 Page - STMicroelectronics

  T610H Datasheet HTML 1Page - STMicroelectronics T610H Datasheet HTML 2Page - STMicroelectronics T610H Datasheet HTML 3Page - STMicroelectronics T610H Datasheet HTML 4Page - STMicroelectronics T610H Datasheet HTML 5Page - STMicroelectronics T610H Datasheet HTML 6Page - STMicroelectronics T610H Datasheet HTML 7Page - STMicroelectronics T610H Datasheet HTML 8Page - STMicroelectronics T610H Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
T610H
2/9
Doc ID 15713 Rev 1
1
Characteristics
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
IT(RMS)
On-state rms current (full sine wave)
Tc = 138 °C
6
A
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25 °C)
F = 60 Hz
t = 16.7 ms
63
A
F = 50 Hz
t = 20 ms
60
I²tI²t Value for fusing
tp = 10 ms
24
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 150 °C
50
A/µs
VDSM/VRSM
Non repetitive surge peak off-state
voltage
tp = 10 ms
Tj = 25 °C
VDRM/VRRM
+ 100
V
IGM
Peak gate current
tp = 20 µs
Tj = 150 °C
4
A
PG(AV)
Average gate power dissipation
Tj = 150 °C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 150
°C
Table 3.
Electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Test conditions
Quadrant
Min.
Max.
Unit
IGT
VD = 12 V RL = 33 Ω
I - II - III
1
10
mA
VGT
I - II - III
1.0
V
VGD
VD = VDRM, RL = 3.3 kΩ
I - II - III
0.15
V
IH
(1)
IT = 100 mA
25
mA
IL
IG = 1.2 IGT
I - III
30
mA
II
35
dV/dt (1)
VD = 67% VDRM, gate open, Tj = 150 °C
75
V/µs
(dI/dt)c (1)
Logic level, 0.1 V/µs, Tj = 150 °C
8.7
A/ms
Logic level, 15 V/µs, Tj = 150 °C
2.3
1.
For both polarities of A2 referenced to A1.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com