Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG936BCP-R-REEL Datasheet (PDF) - Analog Devices

ADG936BCP-R-REEL Datasheet PDF - Analog Devices
Part # ADG936BCP-R-REEL
Download  ADG936BCP-R-REEL Download
File Size   395.27 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT

ADG936BCP-R-REEL Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG936BCP-R-REEL Datasheet PDF - Analog Devices

Part # ADG936BCP-R-REEL
Download  ADG936BCP-R-REEL Click to download

File Size   395.27 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT

ADG936BCP-R-REEL Datasheet (HTML) - Analog Devices


ADG936BCP-R-REEL Product details

GENERAL DESCRIPTION
The ADG936/ADG936-R are wideband analog switches that comprise two independently selectable SPDT switches using a CMOS process to provide high isolation and low insertion loss to 1 GHz. The ADG936 is an absorptive/matched dual SPDT with 50 Ω terminated shunt legs; the ADG936-R is a reflective dual SPDT. These devices are designed such that the isolation is high over the dc to 1 GHz frequency range. They have on-board CMOS control logic, eliminating the need for external controlling circuitry. The control inputs are both CMOS and LVTTL compatible. The low power consumption of these CMOS devices makes them ideally suited for wireless applications and general-purpose high frequency switching.

FEATURES
   Wideband switch: −3 dB @ 4 GHz
   ADG936 absorptive dual SPDT
   ADG936-R reflective dual SPDT
   High off isolation (36 dB @ 1 GHz)
   Low insertion loss (0.9 dB dc to 1 GHz)
   Single 1.65 to 2.75 V power supply
   CMOS/LVTTL control logic
   20-lead TSSOP and 4 mm × 4 mm LFCSP package
   Low power consumption (1 µA max)

APPLICATIONS
   Wireless communications
   General-purpose RF switching
   Dual-band applications
   High speed filter selection
   Digital transceiver front end switch
   IF switching
   Tuner modules
   Antenna diversity switching




Similar Part No. - ADG936BCP-R-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG936R AD-ADG936R_15 Datasheet
524Kb / 17P
CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG936 AD-ADG936_15 Datasheet
524Kb / 17P
CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
More results


Similar Description - ADG936BCP-R-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG901 AD-ADG901 Datasheet
1Mb / 12P
Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
10/04-Data Sheet changed from REV. 0 to REV. A.
ADG904 AD-ADG904 Datasheet
354Kb / 16P
Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
5/04-Revision 0
ADG901 AD-ADG901_05 Datasheet
737Kb / 16P
Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG918 AD-ADG918_08 Datasheet
570Kb / 16P
Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
REV. C
ADG904BRUZ AD-ADG904BRUZ Datasheet
517Kb / 17P
Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
REV. C
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904R AD-ADG904R_15 Datasheet
517Kb / 17P
CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG936 AD-ADG936_15 Datasheet
524Kb / 17P
CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG936R AD-ADG936R_15 Datasheet
524Kb / 17P
CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG918 AD-ADG918_V01 Datasheet
652Kb / 16P
Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com