Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG936BCP-R-REEL Datasheet(PDF) 4 Page - Analog Devices

Part # ADG936BCP-R-REEL
Description  Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG936BCP-R-REEL Datasheet(HTML) 4 Page - Analog Devices

  ADG936BCP-R-REEL Datasheet HTML 1Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 2Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 3Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 4Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 5Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 6Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 7Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 8Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG936/ADG936-R
Rev. 0 | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Rating
VDD to GND
–0.5 V to +4 V
Inputs to GND
–0.5 V to VDD + 0.3 V1
Continuous Current
30 mA
Input Power
18 dBm
Operating Temperature Range
Industrial (B Version)
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
TSSOP Package
θJA Thermal Impedance
143°C/W
LFCSP Package
θJA Thermal Impedance (4-layer board)
30.4°C/W
Lead Temperature, Soldering (10 s)
300°C
IR Reflow, Peak Temperature (<20 s)
235°C
ESD
1 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may
affect device reliability. Only one absolute maximum rating may
be applied at any one time.
Table 3. Truth Table
INx
RF1x
RF2x
0
Off
On
1
On
Off
1 RF1x/RF2x Off Port Inputs to Ground = –0.5 V to VDD – 0.5 V.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com