Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG936BCP-R-REEL Datasheet(PDF) 13 Page - Analog Devices

Part # ADG936BCP-R-REEL
Description  Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG936BCP-R-REEL Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG936BCP-R-REEL Datasheet HTML 8Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 9Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 10Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 11Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 12Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 13Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 14Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 15Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADG936/ADG936-R
Rev. 0 | Page 13 of 16
OUTLINE DIMENSIONS
20
1
11
10
6.40 BSC
4.50
4.40
4.30
PIN 1
6.60
6.50
6.40
SEATING
PLANE
0.15
0.05
0.30
0.19
0.65
BSC
1.20 MAX
0.20
0.09
0.75
0.60
0.45
8°
0°
COMPLIANT TO JEDEC STANDARDS MO-153AC
COPLANARITY
0.10
Figure 30. 20-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-20)
Dimensions shown in millimeters
1
20
5
6
11
16
15
10
2.25
2.10 SQ
1.95
0.75
0.55
0.35
0.30
0.23
0.18
0.50
BSC
12° MAX
0.20
REF
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
1.00
0.85
0.80
SEATING
PLANE
PIN 1
INDICATOR
TOP
VIEW
3.75
BCS SQ
4.00
BSC SQ
COPLANARITY
0.08
0.60
MAX
0.60
MAX
0.25 MIN
EXPOSED
PAD
(BOTTOM VIEW)
COMPLIANT TO JEDEC STANDARDS MO-220-VGGD-1
Figure 31. 20-Lead Lead Frame Chip Scale Package [LFCSP] 4 mm × 4 mm Body
(CP-20-1)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com