Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG936BCP-R-REEL Datasheet(PDF) 12 Page - Analog Devices

Part # ADG936BCP-R-REEL
Description  Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG936BCP-R-REEL Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG936BCP-R-REEL Datasheet HTML 8Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 9Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 10Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 11Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 12Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 13Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 14Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 15Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADG936/ADG936-R
Rev. 0 | Page 12 of 16
EVALUATION BOARD
The ADG936 and ADG936-R evaluation board allows
designers to evaluate these high performance wideband
switches with minimal effort.
To prove that these devices meet the user’s requirements, only a
power supply and a network analyzer, along with the evaluation
board, are required. An application note available with the
evaluation board gives complete information on operating the
evaluation board.
The RFCA port is connected through a 50 Ω transmission line
to SMA connector J3. The RFCB port is connected through a
50 Ω transmission line to SMA connector J4. RF1A, RF2A,
RF1B, and RF2B are connected through 50 Ω transmission lines
to SMA connectors J5, J6, J7, and J8, respectively. A through
transmission line connects J9 and J10; this transmission line is
used to estimate the loss of the PCB over the environmental
conditions being evaluated.
The board is constructed of a four-layer, FR4 material with a
dielectric constant of 4.3 and an overall thickness of 0.062 in.
Two ground layers with grounded planes provide ground for
the RF transmission lines. The transmission lines were designed
using a coplanar waveguide with ground plane model using a
trace width of 0.024 in, clearance to ground plane of 0.008 in,
dielectric thickness of 0.02 in, and a metal thickness of
0.0021 in.
Figure 29. ADG936 and ADG936-R Evaluation Board Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com