Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA1106 Datasheet (PDF) - Intersil Corporation

HFA1106 Datasheet PDF - Intersil Corporation
Part # HFA1106
Download  HFA1106 Download
File Size   616.12 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 315MHz, Low Power, Video Operational Amplifier with Compensation Pin

HFA1106 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA1106 Datasheet PDF - Intersil Corporation

Part # HFA1106
Download  HFA1106 Click to download

File Size   616.12 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 315MHz, Low Power, Video Operational Amplifier with Compensation Pin

HFA1106 Datasheet (HTML) - Intersil Corporation


HFA1106 Product details

Description
The HFA1106 is a high speed, low power current feedback operational amplifier built with Intersil’s proprietary complementary bipolar UHF-1 process. This amplifier features a compensation pin connected to the internal high impedance node, which allows for implementation of external clamping or bandwidth limiting.

Features
• Compensation Pin for Bandwidth Limiting
• Lower Lot-to-Lot Variability With External Compensation
• High Input Impedance . . . . . . . . . . . . . . . . . . . . . . . 1MΩ
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . 0.02%
• Differential Phase . . . . . . . . . . . . . . . . . . 0.05 Degrees
• Wide -3dB Bandwidth . . . . . . . . . . . . . . . . . . . . 315MHz
• Very Fast Slew Rate. . . . . . . . . . . . . . . . . . . . . . 700V/µs
• Low Supply Current. . . . . . . . . . . . . . . . . . . . . . . 5.8mA
• Gain Flatness (to 100MHz) . . . . . . . . . . . . . . . . . ±0.1dB

Applications
• Noise Critical Applications
• Professional Video Processing
• Medical Imaging
• Video Digitizing Boards/Systems
• Radar/IF Processing
• Hand Held and Miniaturized RF Equipment
• Battery Powered Communications
• Flash A/D Drivers
• Oscilloscopes and Analyzers




Similar Part No. - HFA1106

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HFA1106 HARRIS-HFA1106 Datasheet
891Kb / 14P
315MHz, Low Power Video Operational Amplifier with Compensation Pin
HFA1106IB HARRIS-HFA1106IB Datasheet
891Kb / 14P
315MHz, Low Power Video Operational Amplifier with Compensation Pin
HFA1106IP HARRIS-HFA1106IP Datasheet
891Kb / 14P
315MHz, Low Power Video Operational Amplifier with Compensation Pin
More results


Similar Description - HFA1106

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1135 INTERSIL-HFA1135 Datasheet
220Kb / 15P
360MHz, Low Power, Video Operational Amplifier with Output Limiting
June 2000
HFA1305 INTERSIL-HFA1305 Datasheet
143Kb / 12P
Triple, 560MHz, Low Power, Video Operational Amplifier
April 1999
logo
Harris Corporation
HFA1106 HARRIS-HFA1106 Datasheet
891Kb / 14P
315MHz, Low Power Video Operational Amplifier with Compensation Pin
logo
Intersil Corporation
HFA1205 INTERSIL-HFA1205_04 Datasheet
557Kb / 15P
Dual, 425MHz, Low Power, Video Operational Amplifier
July 2004
HFA1135 INTERSIL-HFA1135_06 Datasheet
421Kb / 15P
360MHz, Low Power, Video Operational Amplifier with Output Limiting
January 23, 2006
logo
Cirrus Logic
PA119CE CIRRUS-PA119CE Datasheet
206Kb / 5P
Video Power Operational Amplifier
PA119CE CIRRUS-PA119CE_10 Datasheet
654Kb / 5P
Video Power Operational Amplifier
logo
Intersil Corporation
HFA1135IB INTERSIL-HFA1135IB Datasheet
424Kb / 15P
360MHz, Low Power, Video Operational Amplifier with Output Limiting
January 23, 2006
logo
Renesas Technology Corp
HFA1135 RENESAS-HFA1135 Datasheet
808Kb / 15P
360MHz, Low Power, Video Operational Amplifier with Output Limiting
HFA1405 RENESAS-HFA1405 Datasheet
899Kb / 15P
Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com