Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA5250 Datasheet (PDF) - Intersil Corporation

HFA5250 Datasheet PDF - Intersil Corporation
Part # HFA5250
Download  HFA5250 Download
File Size   577.63 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 500MHz, Ultra High Speed Monolithic Pin Driver

HFA5250 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA5250 Datasheet PDF - Intersil Corporation

Part # HFA5250
Download  HFA5250 Click to download

File Size   577.63 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 500MHz, Ultra High Speed Monolithic Pin Driver

HFA5250 Datasheet (HTML) - Intersil Corporation


HFA5250 Product details

Description
The HFA5250 is the ideal monolithic pin driver solution for high performance test systems. The device will switch at high data rates between two input voltage levels providing variable amplitude pulses. The output impedance is trimmed to achieve a precision 50Ω source for impedance matching. Two differential ECL/TTL compatible inputs control the operation of the HFA5250, one controlling the VHIGH/VLOW switching and the other controlling the output’s high-impedance state. The HFA5250’s 500MHz data rate makes it compatible with today’s high speed VLSI test systems and the +7V to -2V output swing allows testing of all common logic families.

Features
• High Digital Data Rate . . . . . . . . . . . . . . . . . . . . 500MHz
• Very Fast Slew Rate. . . . . . . . . . . . . . . . . . . . . 2500V/µs
• Very Fast Rise/Fall Times . . . . . . . . . . . . . . . . . . . 600ps
• Wide Output Range . . . . . . . . . . . . . . . . . . . . +7V to -2V
• Precise 50Ω Output Impedance
• High Impedance, Three-State Output Control

Applications
• IC Tester Pin Electronics
• Pattern Generators
• Pulse Generators
• Built-In Test Equipment (BITE)
• Level Comparator/Translator




Similar Part No. - HFA5250

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA5251 INTERSIL-HFA5251 Datasheet
137Kb / 10P
800MHz Monolithic Pin Driver
September 1998
logo
Harris Corporation
HFA5253 HARRIS-HFA5253 Datasheet
527Kb / 18P
800MHz, Ultra High-Speed Monolithic Pin Driver
HFA5253CB HARRIS-HFA5253CB Datasheet
527Kb / 18P
800MHz, Ultra High-Speed Monolithic Pin Driver
More results


Similar Description - HFA5250

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL1056AC ELANTEC-EL1056AC Datasheet
311Kb / 16P
Monolithic High-Speed Pin Driver
logo
Intersil Corporation
EL1056A INTERSIL-EL1056A Datasheet
479Kb / 12P
Monolithic High-Speed Pin Driver
March 1993
EL2021 INTERSIL-EL2021 Datasheet
363Kb / 8P
Monolithic Pin Driver
November 1993
logo
Harris Corporation
HFA5253 HARRIS-HFA5253 Datasheet
527Kb / 18P
800MHz, Ultra High-Speed Monolithic Pin Driver
logo
Intersil Corporation
EL7158 INTERSIL-EL7158 Datasheet
199Kb / 9P
Ultra-High Current Pin Driver
May 14, 2007
EL7154 INTERSIL-EL7154 Datasheet
281Kb / 8P
High Speed, Monolithic Pin Driver
September 7, 2010
EL7154CN INTERSIL-EL7154CN Datasheet
278Kb / 8P
High Speed, Monolithic Pin Driver
September 7, 2010
EL7158IS INTERSIL-EL7158IS Datasheet
202Kb / 9P
Ultra-High Current Pin Driver
May 14, 2007
logo
Renesas Technology Corp
EL7154 RENESAS-EL7154 Datasheet
500Kb / 9P
High Speed, Monolithic Pin Driver
EL7158 RENESAS-EL7158 Datasheet
488Kb / 9P
Ultra-High Current Pin Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com