Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7154 Datasheet (PDF) - Intersil Corporation

EL7154 Datasheet PDF - Intersil Corporation
Part # EL7154
Download  EL7154 Download
File Size   281.81 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Speed, Monolithic Pin Driver

EL7154 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7154 Datasheet PDF - Intersil Corporation

Part # EL7154
Download  EL7154 Click to download

File Size   281.81 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Speed, Monolithic Pin Driver

EL7154 Datasheet (HTML) - Intersil Corporation


EL7154 Product details

The EL7154 three-state pin driver is particularly well suited for ATE and level shifting applications. The 4A peak drive capability, makes the EL7154 an excellent choice when driving high speed capacitive lines.



Features

• Comparatively low cost

• Three-State output

• 3V and 5V Input compatible

• Clocking speeds up to 10MHz

• 20ns Switching/delay time

• 4A Peak drive

• Isolated drains

• Low output impedance: 2.5Ω

• Low quiescent current: 5mA

• Wide operating voltage: 4.5V to16V

• Isolated P-Channel device

• Separate ground and VLpins

• Pb-free plus anneal available (RoHS compliant)



Applications

• Loaded circuit board testers

• Digital testers

• Level shifting below GND

• IGBT drivers

• CCD drivers




Similar Part No. - EL7154

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7154 RENESAS-EL7154 Datasheet
500Kb / 9P
High Speed, Monolithic Pin Driver
logo
Intersil Corporation
EL7154 INTERSIL-EL7154 Datasheet
278Kb / 8P
High Speed, Monolithic Pin Driver
September 7, 2010
EL7154CN INTERSIL-EL7154CN Datasheet
278Kb / 8P
High Speed, Monolithic Pin Driver
September 7, 2010
EL7154CNZ INTERSIL-EL7154CNZ Datasheet
278Kb / 8P
High Speed, Monolithic Pin Driver
September 7, 2010
logo
Renesas Technology Corp
EL7154CNZ RENESAS-EL7154CNZ Datasheet
500Kb / 9P
High Speed, Monolithic Pin Driver
More results


Similar Description - EL7154

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53500 AD-AD53500 Datasheet
101Kb / 7P
High Speed, High Current Capability Pin Driver
logo
Elantec Semiconductor
EL1056AC ELANTEC-EL1056AC Datasheet
311Kb / 16P
Monolithic High-Speed Pin Driver
logo
Intersil Corporation
HFA5251 INTERSIL-HFA5251 Datasheet
137Kb / 10P
800MHz Monolithic Pin Driver
September 1998
EL1056A INTERSIL-EL1056A Datasheet
479Kb / 12P
Monolithic High-Speed Pin Driver
March 1993
EL2021 INTERSIL-EL2021 Datasheet
363Kb / 8P
Monolithic Pin Driver
November 1993
HFA5250 INTERSIL-HFA5250 Datasheet
577Kb / 5P
500MHz, Ultra High Speed Monolithic Pin Driver
October 1998
logo
Harris Corporation
HFA5253 HARRIS-HFA5253 Datasheet
527Kb / 18P
800MHz, Ultra High-Speed Monolithic Pin Driver
logo
Analog Devices
AD53500 AD-AD53500_15 Datasheet
105Kb / 7P
High Speed, High Current Capability Pin Driver
REV. 0
logo
Intersil Corporation
EL7154CN INTERSIL-EL7154CN Datasheet
278Kb / 8P
High Speed, Monolithic Pin Driver
September 7, 2010
logo
Renesas Technology Corp
EL7154 RENESAS-EL7154 Datasheet
500Kb / 9P
High Speed, Monolithic Pin Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com