Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIC1596ACT Datasheet (PDF) - Analog Intergrations Corporation

AIC1596ACT Datasheet PDF - Analog Intergrations Corporation
Part # AIC1596ACT
Download  AIC1596ACT Download
File Size   61.29 Kbytes
Page   5 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 3A STEP-DOWN PWM REGULATOR

AIC1596ACT Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1596ACT Datasheet PDF - Analog Intergrations Corporation

Part # AIC1596ACT
Download  AIC1596ACT Click to download

File Size   61.29 Kbytes
Page   5 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 3A STEP-DOWN PWM REGULATOR

AIC1596ACT Datasheet (HTML) - Analog Intergrations Corporation


AIC1596ACT Product details

DESCRIPTION

The AIC1596 series are step-down monolithic PWM regulators delivering 3A at fixed voltages of 2.5V , 3.3V, 5.0V , 12V and using a external divider to adjust output voltage from 1.25V to 30V with excellent line and load regulation.



FEATURES

"  Operating Input Voltage From 4.5V to 36V

"  2.5V, 3.3V, 5V , 12V and Adjustable Output Version

"  Adjustable Version Output Voltage Range , 1.25V to 30V ±4% max Over Line and Load Regulation

"  Available in TO220-5 and TO263-5 Package

"  Requires Only 4 External Components.

"  150KHz/300KHz Fixed Constant Frequency

"  Low Power Standby Mode, IQTypically 80µA

"  TTL Shutdown Capability.

"  Output Overvoltage Protection

"  Current Limit and Thermal Shutdown Protection.

"  3A Guaranteed Output Current



APPLICATIONS

"  Simple High Efficiency Step-down regulator

"  On-Card Switching regulators

"  Fixed Voltage power supply for LCD Monitor



 




Similar Part No. - AIC1596ACT

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1594 AIC-AIC1594 Datasheet
75Kb / 6P
1A STEP-DOWN PWM REGULATOR
AIC1594A-12CM AIC-AIC1594A-12CM Datasheet
75Kb / 6P
1A STEP-DOWN PWM REGULATOR
AIC1594A-12CN AIC-AIC1594A-12CN Datasheet
75Kb / 6P
1A STEP-DOWN PWM REGULATOR
AIC1594A-12CS AIC-AIC1594A-12CS Datasheet
75Kb / 6P
1A STEP-DOWN PWM REGULATOR
AIC1594A-12CT AIC-AIC1594A-12CT Datasheet
75Kb / 6P
1A STEP-DOWN PWM REGULATOR
More results


Similar Description - AIC1596ACT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM3708A ETC-CM3708A Datasheet
270Kb / 6P
3A LOW LOISE PWM STEP DOWN REGULATOR
CM3708 ETC-CM3708 Datasheet
165Kb / 6P
3A LOOW NOISE PWM STEP DOWN REGULATOR
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
3A STEP-DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230 Datasheet
204Kb / 13P
3A STEP-DOWN VOLTAGE REGULATOR
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
3A STEP-DOWN PWM CONVERTER
logo
Champion Microelectroni...
CM3708A CHAMP-CM3708A Datasheet
237Kb / 6P
3A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
3A Step-Down Voltage Regulator
logo
Exar Corporation
XRP7675 EXAR-XRP7675 Datasheet
784Kb / 12P
3A 18V Synchronous PFM/PWM Step-Down Regulator
logo
Analog Intergrations Co...
AIC2510 AIC-AIC2510 Datasheet
344Kb / 11P
3A STEP-DOWN PWM CONVERTER
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
3A Step-Down Voltage Regulator
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com