Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC220 Datasheet (PDF) - Zarlink Semiconductor Inc

SC220 Datasheet PDF - Zarlink Semiconductor Inc
Part # SC220
Download  SC220 Download
File Size   614.2 Kbytes
Page   34 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description XpressFlow 2020 Ethernet Routing Switch Chipset

SC220 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC220 Datasheet PDF - Zarlink Semiconductor Inc

Part # SC220
Download  SC220 Click to download

File Size   614.2 Kbytes
Page   34 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description XpressFlow 2020 Ethernet Routing Switch Chipset

SC220 Datasheet (HTML) - Zarlink Semiconductor Inc


SC220 Product details

General Description
The XpressFlow Engine contains the switching data base interface and buffer management logic in order to do the switching decision making for unicast, multicast, and broadcast frames. Hardware assisted queue manager is incorporated to facilitate buffer management. It also provides a generic Management Bus interface to allow external processor to do initialization, learning, VLAN, and RMON support, etc. In addition, a XpressFlow Bus interface block is responsible for communicating with the Network Access Controllers through the XpressFlow message passing protocol.

Distinctive Characteristics
◆ Highly integrated central switch controller
◆ State of the art 0.35 micron 3.3 Volt CMOS process
◆ 256-PIN PQFP package
◆ Operating frequency
    ◇ -40 40 MHz maximum
    ◇ -50 50 MHz maximum
    ◇ -66 66 MHz maximum
◆ 16-bit external CAM interface
    ◇ Supports ½k to 16k MAC addresses
◆ 32-bit Control Buffer Memory interface
    ◇ Supports 128k to 1M bytes
    ◇ Utilize high performance 32-bit Synchronous Burst SRAM
◆ Hardware assisted Buffer and Queue Management to minimize CPU overhead
◆ 32-bit Management Bus I/O interface
    ◇ Allows host to access CAM and Control Buffer Memory
    ◇ Supports Big and Little Endian CPUs
    ◇ Direct interface with various different standard microprocessors including 386, 486 families and Motorola MPC series embedded processors
◆ 32-bit XpressFlow Bus Interface
    ◇ Switching bandwidth
        -1.28 Gbps @ 40 MHz system clock
        -1.60 Gbps @ 50 MHz system clock
        -2.10 Gbps @ 66.67 MHz system clock
    ◇ Supports up to 8 Multi-port Network Access Controllers
    ◇ XpressFlow Bus access arbitration
    ◇ XpressFlow Bus data transfer load regulation
◆ Full IP Switching
    ◇ Addresses resolved by SC220
◆ MAC Address Mapping Table
    ◇ Supports either CAM based or SRAM based Switching data base
◆ Built-in address to port resolution
    ◇ Embedded 32-bit HISC™ (High density Instruction Set Core) Processor
    ◇ Optimized architecture for switch applications
    ◇ Loadable firmware for easy upgrade
◆ Supports unicast, multicast, and broadcast frames
◆ Address Filtering
    ◇ Destination & Source MAC address matching & filtering
◆ VLAN classification & verification
    ◇ Up to 62 groups
    ◇ Level 1 and 2 mapping
    ◇ VLAN ID tagging & stripping
    ◇ Auto padding if necessary after stripping
◆ Supports Store-&-Forward Frame Forwarding Mode
◆ Collects statistics for RMON

Typical Application:
◇ A 16-port Ethernet Switch with 4-Fast Ethernet




Similar Part No. - SC220

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC220 SEMTECH-SC220 Datasheet
364Kb / 14P
20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
SC220 SEMTECH-SC220 Datasheet
808Kb / 14P
20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
SC220 SEMTECH-SC220 Datasheet
745Kb / 14P
20MHz, 650mA, X-EMI™-Enabled Synchronous Step-Down Regulator
January 15, 2013
logo
National Semiconductor ...
SC2200 NSC-SC2200 Datasheet
3Mb / 433P
Thin Client On a Chip
logo
Maxim Integrated Produc...
SC2200 MAXIM-SC2200 Datasheet
409Kb / 11P
Dual RF Power Amplifier Linearizer (RFPAL)
Rev 1; 6/16
More results


Similar Description - SC220

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEF22810 INFINEON-PEF22810 Datasheet
193Kb / 2P
ETHERNET OVER VDSL CHIPSET
logo
Zarlink Semiconductor I...
EA218E ZARLINK-EA218E Datasheet
504Kb / 28P
EA218E 8-Port Ethernet Access Controller XpressFlow 2020 Ethernet Routing Switch Chipset
logo
Applied Micro Circuits ...
PRS64GU AMCC-PRS64GU Datasheet
304Kb / 2P
Packet Routing Switch
logo
ATMEL Corporation
STK600-RC020T-23 ATMEL-STK600-RC020T-23 Datasheet
45Kb / 1P
Routing card
STK600-RC020T-44 ATMEL-STK600-RC020T-44 Datasheet
527Kb / 1P
Routing card
ATTINY23U ATMEL-ATTINY23U Datasheet
47Kb / 1P
Routing&Socket card
RC064M-9 ATMEL-RC064M-9 Datasheet
43Kb / 1P
Routing Card
RC044M-24 ATMEL-RC044M-24 Datasheet
54Kb / 1P
Routing card
RCPWM-22 ATMEL-RCPWM-22 Datasheet
45Kb / 1P
Routing card
logo
Maxim Integrated Produc...
DS33X162DK MAXIM-DS33X162DK Datasheet
1Mb / 78P
Demonstrates Key Functions of DS33X162 Ethernet Transport Chipset
Rev: 031008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com