Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC220 Datasheet (PDF) - Semtech Corporation

SC220 Datasheet PDF - Semtech Corporation
Part # SC220
Download  SC220 Download
File Size   745.71 Kbytes
Page   14 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 20MHz, 650mA, X-EMI™-Enabled Synchronous Step-Down Regulator

SC220 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC220 Datasheet PDF - Semtech Corporation

Part # SC220
Download  SC220 Click to download

File Size   745.71 Kbytes
Page   14 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 20MHz, 650mA, X-EMI™-Enabled Synchronous Step-Down Regulator

SC220 Datasheet (HTML) - Semtech Corporation


SC220 Product details

Features
Patented X-EMITM Inductor Technology
Enables Trace Inductors in PC Board Material
Excellent EMI Performance
Efficiency up to 90%
19μA Quiescent Current under Very Light Loads
Wide Input Voltage Range — 2.7V to 5.5V
Adjustable Output Voltage Down to 1.0V
Output DC Current — up to 650mA
High Light-load Efficiency via Automatic PSAVE Mode
Ultra-fast Transient Response — <1μs
Temperature Range — -40 to +85°C
Shutdown Current — 0.1μA (typical)
Requires Tiny 220nH Inductor
Requires Only 1μF of Output Capacitance
External Switching Frequency Synchronization
Protection Features Including
Over-Current Protection
Output Short-Circuit Protection
Thermal Shutdown Protection
Offered in SOIC 8 Lead Package
Lead-free, halogen-free, and RoHS/WEEE Compliant
AEC-Q100 Qualified Version Available

Applications
HDTV, Set Top Boxes, Gaming Consoles
POL Applications
White Goods
Automotive AEC-Q100 Qualified Applications

Description
The SC220/Q is a 20MHz X-EMI™(1)-enabled step-down
regulator optimized for power low voltage rails from 2.7
to 5.5V input voltage. X-EMI™ inductor technology
enables inductors to be drawn directly on the PC board.
This technology meets or exceeds the EMI performance
of chip inductors and eliminates the need for discrete
inductors.
The SC220/Q uses a unique constant frequency, selfoscillating
control loop architecture to provide excellent
transient performance. Under light loads, the device
operates in Power Save mode(PSAVE) maintaining a
typical quiescent current of 19μA. At moderate to heavy
loads, this part operates in PWM mode with a constant
switching frequency of 20MHz. This high switching frequency
offers the advantages of using small and low cost
external components like a 1μF external capacitor and a
small 220nH inductor (including X-EMITM PCB trace
inductors).
The device provides adjustable output voltages down to
1.0V and an output current up to 650mA. An EN pin can
be used to synchronize to an external source and includes
de-glitching to reduce noise sensitivity.
The SC220/Q is available in SOIC 8 lead package.
The SC220Q is an AEC-Q100 qualified version.




Similar Part No. - SC220

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SC220 ZARLINK-SC220 Datasheet
614Kb / 34P
XpressFlow 2020 Ethernet Routing Switch Chipset
logo
Semtech Corporation
SC220 SEMTECH-SC220 Datasheet
364Kb / 14P
20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
SC220 SEMTECH-SC220 Datasheet
808Kb / 14P
20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
logo
Zarlink Semiconductor I...
SC220-40 ZARLINK-SC220-40 Datasheet
614Kb / 34P
XpressFlow 2020 Ethernet Routing Switch Chipset
SC220-50 ZARLINK-SC220-50 Datasheet
614Kb / 34P
XpressFlow 2020 Ethernet Routing Switch Chipset
More results


Similar Description - SC220

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC185 SEMTECH-SC185 Datasheet
946Kb / 18P
4A Synchronous Step-Down Regulator
SC220 SEMTECH-SC220 Datasheet
364Kb / 14P
20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
SC220 SEMTECH-SC220_13 Datasheet
808Kb / 14P
20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
logo
Linear Technology
LTC1625 LINER-LTC1625_15 Datasheet
387Kb / 24P
Synchronous Step-Down Switching Regulator
logo
Semtech Corporation
SC221 SEMTECH-SC221 Datasheet
921Kb / 14P
Synchronous Step-Down Regulator
logo
Texas Instruments
TPS563201 TI1-TPS563201 Datasheet
1Mb / 25P
Synchronous Step-Down Voltage Regulator
logo
Bookly Micro electronic
BM1584 BOOKLY-BM1584 Datasheet
5Mb / 8P
Synchronous Step-Down Regulator
BM1588 BOOKLY-BM1588 Datasheet
1Mb / 6P
Synchronous Step-Down Regulator
BM1707 BOOKLY-BM1707 Datasheet
506Kb / 13P
Synchronous Step-Down Regulator
logo
Analog Devices
LT7101 AD-LT7101 Datasheet
3Mb / 38P
105V, 1A Low EMI Synchronous Step-Down Regulator
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com