Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC185 Datasheet (PDF) - Semtech Corporation

SC185 Datasheet PDF - Semtech Corporation
Part # SC185
Download  SC185 Download
File Size   946.04 Kbytes
Page   18 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 4A Synchronous Step-Down Regulator

SC185 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC185 Datasheet PDF - Semtech Corporation

Part # SC185
Download  SC185 Click to download

File Size   946.04 Kbytes
Page   18 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 4A Synchronous Step-Down Regulator

SC185 Datasheet (HTML) - Semtech Corporation




Similar Part No. - SC185

ManufacturerPart #DatasheetDescription
logo
France Joint
SC185X210X13 FRANCEJOINT-SC185X210X13 Datasheet
465Kb / 13P
STANDARD SHAFT SEALS
More results


Similar Description - SC185

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5988 STMICROELECTRONICS-L5988 Datasheet
114Kb / 10P
4A step-down switching regulator with synchronous rectification
08-Aug-2006
logo
Linear Technology
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LT3690 LINER-LT3690 Datasheet
2Mb / 28P
36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP2107 MPS-MP2107 Datasheet
432Kb / 14P
4A, 6V Synchronous Step-Down Switching Regulator
logo
Linear Technology
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Semtech Corporation
SC186 SEMTECH-SC186 Datasheet
1Mb / 18P
4A Synchronous Step-Down Regulator
SC286 SEMTECH-SC286 Datasheet
1Mb / 20P
Dual Channel 4A Synchronous Step-Down Regulator
logo
Microsemi Corporation
LX7180A MICROSEMI-LX7180A Datasheet
581Kb / 25P
4A Step-Down Regulator
June 2015 Rev. 1.2
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com