Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5988 Datasheet (PDF) - STMicroelectronics

L5988 Datasheet PDF - STMicroelectronics
Part # L5988
Download  L5988 Download
File Size   114.7 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4A step-down switching regulator with synchronous rectification

L5988 Datasheet (PDF)

Go To PDF Page Download Datasheet
L5988 Datasheet PDF - STMicroelectronics

Part # L5988
Download  L5988 Click to download

File Size   114.7 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4A step-down switching regulator with synchronous rectification

L5988 Datasheet (HTML) - STMicroelectronics


L5988 Product details

Technical characteristics
The L5988D is a synchronous step down monolithic power switching regulator capable of delivering up to 4A. The input voltage can range from 2.9V to 18V.

Features
■ 4A DC output current
■ 2.9V to 18V input voltage
■ Output voltage adjustable from 0.6V
■ 400KHz switching frequency, programmable up to 1MHz
■ Soft-start and inhibit
■ 1.8V ± 2% reference voltage
■ Low dropout operation: 100% duty cycle
■ Voltage feed-forward
■ Zero load current operation
■ Sink current capability
■ Over current, over voltage and thermal protection
■ HTSSOP16 package

Applications
■ Consumer:
    – STB, DVD, DVD recorder, TV, VCR, Car audio, LCD monitors
■ Networking:
    – XDSL, Modems, DC-DC modules
■ Computer:
    – Optical storage, Hard disk drive, Printers, Audio/Graphic cards
■ Industrial:
    – Chargers, car battery, DC-DC converters




Similar Part No. - L5988

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5988D STMICROELECTRONICS-L5988D Datasheet
1Mb / 52P
Pre-bias start up capability
02-Apr-2015
More results


Similar Description - L5988

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD9721FV ETC-BD9721FV Datasheet
81Kb / 2P
1 CHANNEL STEP DOWN PWM SWITCHING REGULATOR CONTROLLER WITH SYNCHRONOUS RECTIFICATION
logo
STMicroelectronics
ST1S09 STMICROELECTRONICS-ST1S09 Datasheet
416Kb / 18P
2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
05-Jul-2007
logo
Semtech Corporation
SC185 SEMTECH-SC185 Datasheet
946Kb / 18P
4A Synchronous Step-Down Regulator
logo
Linear Technology
LT3690 LINER-LT3690 Datasheet
2Mb / 28P
36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
logo
Monolithic Power System...
MP2107 MPS-MP2107 Datasheet
432Kb / 14P
4A, 6V Synchronous Step-Down Switching Regulator
logo
Linear Technology
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Semtech Corporation
SC186 SEMTECH-SC186 Datasheet
1Mb / 18P
4A Synchronous Step-Down Regulator
logo
Monolithic Power System...
EV28115DQ-00B MPS-EV28115DQ-00B Datasheet
182Kb / 4P
4A, 6V, Synchronous Step-Down Switching Regulator EV Board
EV28115DQ-00C MPS-EV28115DQ-00C Datasheet
196Kb / 4P
4A, 6V, Synchronous Step-Down Switching Regulator EV Board
EV28115DQ-01C MPS-EV28115DQ-01C Datasheet
196Kb / 4P
4A, 6V, Synchronous Step-Down Switching Regulator EV Board
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com