Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT3306 Datasheet (PDF) - NXP Semiconductors

CBT3306 Datasheet PDF - NXP Semiconductors
Part # CBT3306
Download  CBT3306 Download
File Size   74.11 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual bus switch

CBT3306 Datasheet (PDF)

Go To PDF Page Download Datasheet
CBT3306 Datasheet PDF - NXP Semiconductors

Part # CBT3306
Download  CBT3306 Click to download

File Size   74.11 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual bus switch

CBT3306 Datasheet (HTML) - NXP Semiconductors


CBT3306 Product details

DESCRIPTION

The CBT3306 Dual FET Bus Switch features independent line switches. Each switch is disabled with the associated Output Enable (OE) input is high.

The CBT3306 is characterized for operation from –40 to +85 °C.



FEATURES

• 5 Ω switch connection between two ports

• TTL-compatible input levels

• Package options include plastic small outline (SO) and thin shrink small outline (TSSOP)

• Latch-up protection exceeds 100 mA per JESD78

• ESD protection exceeds 2000 V HBM per JESD22-A114 and 1000 V CDM per JESD22-C101



 




Similar Part No. - CBT3306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CBT3306 TI-CBT3306 Datasheet
62Kb / 4P
DUAL FET BUS SWITCH
logo
Nexperia B.V. All right...
CBT3306 NEXPERIA-CBT3306 Datasheet
208Kb / 11P
Dual bus switch
Rev. 9 - 18 March 2021
CBT3306-Q100 NEXPERIA-CBT3306-Q100 Datasheet
186Kb / 9P
Dual bus switch
CBT3306D-Q100 NEXPERIA-CBT3306D-Q100 Datasheet
186Kb / 9P
Dual bus switch
CBT3306GT NEXPERIA-CBT3306GT Datasheet
208Kb / 11P
Dual bus switch
Rev. 9 - 18 March 2021
More results


Similar Description - CBT3306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3306 TI-SN74CBT3306 Datasheet
62Kb / 4P
DUAL FET BUS SWITCH
logo
Toshiba Semiconductor
TC7WB66FK TOSHIBA-TC7WB66FK Datasheet
105Kb / 6P
Dual Bus Switch
logo
Texas Instruments
SN74CBT3306 TI-SN74CBT3306_07 Datasheet
230Kb / 11P
DUAL FET BUS SWITCH
logo
Toshiba Semiconductor
TC7WB66FK TOSHIBA-TC7WB66FK_07 Datasheet
165Kb / 6P
Dual Bus Switch
TC7WB125FK TOSHIBA-TC7WB125FK_07 Datasheet
164Kb / 6P
Dual Bus Switch
TC7WB126FK TOSHIBA-TC7WB126FK_07 Datasheet
163Kb / 6P
Dual Bus Switch
logo
Unisonic Technologies
U74CBT3306 UTC-U74CBT3306 Datasheet
250Kb / 4P
DUAL FET BUS SWITCH
logo
Texas Instruments
SN74CB3T3306 TI1-SN74CB3T3306_16 Datasheet
903Kb / 19P
Dual FET Bus Switch
logo
Nexperia B.V. All right...
CBT3306-Q100 NEXPERIA-CBT3306-Q100 Datasheet
186Kb / 9P
Dual bus switch
CBT3306 NEXPERIA-CBT3306 Datasheet
208Kb / 11P
Dual bus switch
Rev. 9 - 18 March 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com