Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT3306 Datasheet (PDF) - Nexperia B.V. All rights reserved

CBT3306 Datasheet PDF - Nexperia B.V. All rights reserved
Part # CBT3306
Download  CBT3306 Download
File Size   208.43 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual bus switch

CBT3306 Datasheet (PDF)

Go To PDF Page Download Datasheet
CBT3306 Datasheet PDF - Nexperia B.V. All rights reserved

Part # CBT3306
Download  CBT3306 Click to download

File Size   208.43 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual bus switch

CBT3306 Datasheet (HTML) - Nexperia B.V. All rights reserved


CBT3306 Product details

1. General description
The CBT3306 dual FET bus switch features independent line switches. Each switch is disabled
when the associated output enable (nOE) input is HIGH.
2. Features and benefits
• 5 Ω switch connection between two ports
• Direct interface with TTL levels
• Overvoltage tolerant control inputs to 5.5 V
• IOFF circuitry provides partial Power-down mode operation
• Latch-up protection exceeds 100 mA per JESD78B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• CDM JESD22-C101D exceeds 1000 V
• Specified from -40 °C to +85 °C




Similar Part No. - CBT3306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CBT3306 TI-CBT3306 Datasheet
62Kb / 4P
DUAL FET BUS SWITCH
logo
NXP Semiconductors
CBT3306 PHILIPS-CBT3306 Datasheet
74Kb / 8P
Dual bus switch
2001 Nov 08
logo
Nexperia B.V. All right...
CBT3306-Q100 NEXPERIA-CBT3306-Q100 Datasheet
186Kb / 9P
Dual bus switch
logo
NXP Semiconductors
CBT3306D PHILIPS-CBT3306D Datasheet
74Kb / 8P
Dual bus switch
2001 Nov 08
logo
Nexperia B.V. All right...
CBT3306D-Q100 NEXPERIA-CBT3306D-Q100 Datasheet
186Kb / 9P
Dual bus switch
More results


Similar Description - CBT3306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3306 TI-SN74CBT3306 Datasheet
62Kb / 4P
DUAL FET BUS SWITCH
logo
Toshiba Semiconductor
TC7WB66FK TOSHIBA-TC7WB66FK Datasheet
105Kb / 6P
Dual Bus Switch
logo
NXP Semiconductors
CBT3306 PHILIPS-CBT3306 Datasheet
74Kb / 8P
Dual bus switch
2001 Nov 08
logo
Texas Instruments
SN74CBT3306 TI-SN74CBT3306_07 Datasheet
230Kb / 11P
DUAL FET BUS SWITCH
logo
Toshiba Semiconductor
TC7WB66FK TOSHIBA-TC7WB66FK_07 Datasheet
165Kb / 6P
Dual Bus Switch
TC7WB125FK TOSHIBA-TC7WB125FK_07 Datasheet
164Kb / 6P
Dual Bus Switch
TC7WB126FK TOSHIBA-TC7WB126FK_07 Datasheet
163Kb / 6P
Dual Bus Switch
logo
Unisonic Technologies
U74CBT3306 UTC-U74CBT3306 Datasheet
250Kb / 4P
DUAL FET BUS SWITCH
logo
Texas Instruments
SN74CB3T3306 TI1-SN74CB3T3306_16 Datasheet
903Kb / 19P
Dual FET Bus Switch
logo
Nexperia B.V. All right...
CBT3306-Q100 NEXPERIA-CBT3306-Q100 Datasheet
186Kb / 9P
Dual bus switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com