Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG804 Datasheet (PDF) - Analog Devices

ADG804 Datasheet PDF - Analog Devices
Part # ADG804
Download  ADG804 Download
File Size   157.78 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer

ADG804 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG804 Datasheet PDF - Analog Devices

Part # ADG804
Download  ADG804 Click to download

File Size   157.78 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer

ADG804 Datasheet (HTML) - Analog Devices


ADG804 Product details

GENERAL DESCRIPTION

The ADG804 is a low voltage 4-channel CMOS multiplexer comprising four single channels. This device offers ultralow on resistance of less than 0.8 Ω over the full temperature range. The digital inputs can handle 1.8 V logic with a 2.7 V to 3.6 V supply.



FEATURES

0.5 Ω typical on resistance

0.8 Ω maximum on resistance at 125°C

1.65 V to 3.6 V operation

Automotive temperature range: –40°C to +125°C

High current carrying capability: 300 mA continuous

Rail-to-rail switching operation

Fast switching times <25 ns

Typical power consumption (<0.1 μW)



APPLICATIONS

MP3 players

Power routing

Battery-powered systems

PCMCIA cards

Cellular phones

Modems

Audio and video signal routing

Communication systems




Similar Part No. - ADG804

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG804YRM AD-ADG804YRM Datasheet
253Kb / 16P
0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
ADG804YRMZ AD-ADG804YRMZ Datasheet
253Kb / 16P
0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
ADG804YRMZ-REEL AD-ADG804YRMZ-REEL Datasheet
253Kb / 16P
0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
ADG804YRMZ-REEL7 AD-ADG804YRMZ-REEL7 Datasheet
253Kb / 16P
0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
ADG804 AD-ADG804_11 Datasheet
253Kb / 16P
0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
More results


Similar Description - ADG804

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG811 AD-ADG811 Datasheet
392Kb / 16P
0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
5/04-Data Sheet Changed from Rev. 0 to Rev. A
ADG839 AD-ADG839 Datasheet
436Kb / 16P
0.35 ohm CMOS 1.65 V to 3.6 V Single SPDT Switch/2:1 MUX
10/04-Revision 0
ADG836L AD-ADG836L Datasheet
418Kb / 16P
0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
5/04-Data Sheet Changed from Rev. 0 to Rev. A
ADG841 AD-ADG841 Datasheet
552Kb / 16P
0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
4/05-Revision 0
logo
Vishay Siliconix
DG2718 VISHAY-DG2718 Datasheet
116Kb / 7P
0.45- CMOS, 1.65-V to 3.6-V, Dual DPDT Analog Switch
17-Oct-05
logo
Analog Devices
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
<0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG804 AD-ADG804_11 Datasheet
253Kb / 16P
0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com