Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG811 Datasheet (PDF) - Analog Devices

ADG811 Datasheet PDF - Analog Devices
Part # ADG811
Download  ADG811 Download
File Size   392.19 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches

ADG811 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG811 Datasheet PDF - Analog Devices

Part # ADG811
Download  ADG811 Click to download

File Size   392.19 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches

ADG811 Datasheet (HTML) - Analog Devices


ADG811 Product details

GENERAL DESCRIPTION
The ADG811/ADG812/ADG813 are low voltage CMOS devices containing four independently selectable switches. These switches offer ultralow on resistance of less than 0.8 Ω over the full
temperature range. The digital inputs can handle 1.8 V logic with a 2.7 V to 3.6 V supply.

FEATURES
   0.5 Ω typical on resistance
   0.8 Ω maximum on resistance at 125°C
   1.65 V to 3.6 V operation
   Automotive temperature range: −40°C to +125°C
   High current carrying capability: 300 mA continuous
   Rail-to-rail switching operation
   Fast switching times: <25 ns
   Typical power consumption <0.1 μW

APPLICATIONS
   Cellular phones
   MP3 players
   Power routing
   Battery-powered systems
   PCMCIA cards
   Modems
   Audio and video signal routing
   Communications systems




Similar Part No. - ADG811

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG811YCPZ-REEL AD-ADG811YCPZ-REEL Datasheet
340Kb / 16P
0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG811YCPZ-REEL7 AD-ADG811YCPZ-REEL7 Datasheet
340Kb / 16P
0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG811YRU AD-ADG811YRU Datasheet
340Kb / 16P
0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG811YRU-REEL AD-ADG811YRU-REEL Datasheet
340Kb / 16P
0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG811YRU-REEL7 AD-ADG811YRU-REEL7 Datasheet
340Kb / 16P
0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
More results


Similar Description - ADG811

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG804 AD-ADG804 Datasheet
157Kb / 16P
0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
4/04-Revision 0
ADG836L AD-ADG836L Datasheet
418Kb / 16P
0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
5/04-Data Sheet Changed from Rev. 0 to Rev. A
ADG841 AD-ADG841 Datasheet
552Kb / 16P
0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
4/05-Revision 0
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
<0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG804 AD-ADG804_11 Datasheet
253Kb / 16P
0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG901 AD-ADG901_15 Datasheet
875Kb / 17P
1.65 V to 2.75 V, SPST Switches
REV. B
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
1.65 V to 2.75 V, SPST Switches
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com