Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRV05-4 Datasheet (PDF) - Applied Power Microelectronics Co.,Ltd.

SRV05-4 Datasheet PDF - Applied Power Microelectronics Co.,Ltd.
Part # SRV05-4
Download  SRV05-4 Download
File Size   620.67 Kbytes
Page   8 Pages
Manufacturer  APMICRO [Applied Power Microelectronics Co.,Ltd.]
Direct Link  http://www.appliedpowermicro.com/
Logo APMICRO - Applied Power Microelectronics Co.,Ltd.
Description 4-Line Low Capacitance TVS Diode Array

SRV05-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
SRV05-4 Datasheet PDF - Applied Power Microelectronics Co.,Ltd.

Part # SRV05-4
Download  SRV05-4 Click to download

File Size   620.67 Kbytes
Page   8 Pages
Manufacturer  APMICRO [Applied Power Microelectronics Co.,Ltd.]
Direct Link  http://www.appliedpowermicro.com/
Logo APMICRO - Applied Power Microelectronics Co.,Ltd.
Description 4-Line Low Capacitance TVS Diode Array

SRV05-4 Datasheet (HTML) - Applied Power Microelectronics Co.,Ltd.


SRV05-4 Product details

Description
The SRV05-4 is a low capacitance TVS array, utilizing leading monolithic silicon technology to provide fast response time and low ESD clamping voltage, making this device an ideal solution for protecting voltage sensitive high-speed data lines. The SRV05-4 complies with the IEC 61000-4-2 (ESD) with ±30kV air and ±30kV contact discharge. It is assembled into a 6-lead SOT23-6 leadfree package. The leads are finished with lead-free matte tin. Each device will protect up to four high-speed lines. The combination of small size, low capacitance, and high surge capability makes them ideal for use in applications such as 10/100 Ethernet, USB 2.0, and visual interfaces.

Features
• Low capacitance: 1.5pF typical (I/O to I/O)
• Ultra low leakage: nA level
• Operating voltage: 5V
• Low clamping voltage
• Up to 4 lines and one power line protects
• Complies with following standards:
   – IEC 61000-4-2 (ESD) immunity test
      Air discharge: ±30kV
      Contact discharge: ±30kV
   – IEC61000-4-5 (Lightning) 12A (8/20μs)
• RoHS Compliant

Applications
• USB 2.0 power and data line
• Monitors and flat panel displays
• Set-top box and digital TV
• Digital visual interface (DVI)
• Notebook Computers
• SIM Ports
• 10/100 Ethernet
• IEEE 1394 firewire ports




Similar Part No. - SRV05-4

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRV05-4 SEMTECH-SRV05-4 Datasheet
289Kb / 12P
Low Capacitance TVS Diode Array
logo
Protek Devices
SRV05-4 PROTEC-SRV05-4 Datasheet
102Kb / 4P
STEERING DIODE / TVS ARRAY COMBO
SRV05-4 PROTEC-SRV05-4 Datasheet
79Kb / 4P
STEERING DIODE/ TVS ARRAY COMBO
logo
Semtech Corporation
SRV05-4 SEMTECH-SRV05-4 Datasheet
291Kb / 13P
RailClamp짰 Low Capacitance TVS Diode Array
logo
Protek Devices
SRV05-4 PROTEC-SRV05-4 Datasheet
630Kb / 8P
ultra low capacitance steering diode/tvs array
More results


Similar Description - SRV05-4

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LC0518MA LEIDITECH-LC0518MA Datasheet
286Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
logo
Applied Power Microelec...
AR0504P3 APMICRO-AR0504P3 Datasheet
851Kb / 6P
4-Line Low Capacitance TVS Diode Array
AR0524P5 APMICRO-AR0524P5 Datasheet
924Kb / 11P
4-Line Ultra Low Capacitance TVS Diode Array
AR0554S8 APMICRO-AR0554S8 Datasheet
490Kb / 4P
4-Line Low Capacitance TVS Diode Array
AR3354S2 APMICRO-AR3354S2 Datasheet
769Kb / 4P
4-Line Low Capacitance TVS Diode Array
ASRV05-4 APMICRO-ASRV05-4 Datasheet
554Kb / 8P
4-Line Low Capacitance TVS Diode Array
AU0504S5 APMICRO-AU0504S5 Datasheet
725Kb / 4P
4-Line Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ULC0504P LEIDITECH-ULC0504P Datasheet
603Kb / 5P
4-Line Low Capacitance TVS Diode Array
ULC0524S LEIDITECH-ULC0524S Datasheet
1Mb / 9P
4-Line Ultra Low Capacitance TVS Diode Array
TPD4S009DCKR LEIDITECH-TPD4S009DCKR Datasheet
415Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com