Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRV05-4 Datasheet (PDF) - Protek Devices

SRV05-4 Datasheet PDF - Protek Devices
Part # SRV05-4
Download  SRV05-4 Download
File Size   102.71 Kbytes
Page   4 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description STEERING DIODE / TVS ARRAY COMBO

SRV05-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
SRV05-4 Datasheet PDF - Protek Devices

Part # SRV05-4
Download  SRV05-4 Click to download

File Size   102.71 Kbytes
Page   4 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description STEERING DIODE / TVS ARRAY COMBO

SRV05-4 Datasheet (HTML) - Protek Devices


SRV05-4 Product details

DESCRIPTION
The SRV05-4 is a dual USB port protection array that features ultra low capacitance. This device can be used in applications such as video cards, SMART phones, Gigabit Ethernet and other computer interfaces. Designed for ESD protection, the SRV05-4 can clamp the effects of electrical fast transients on the power bus.
The SRV05-4 combines 8 low capacitance steering diodes for up to four individual data or transmission lines and one TVS diode for power bus protection. This device is available in the space-saving SOT-23-6 package configuration, which minimizes lead inductance to prevent overshoot voltages during high ESD current events. The SRV05-4 meets the IEC 61000-4-2, 61000-4-2 and 61000-4-5 requirements.

FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(LineGnd) & Level 3(Line-Line0
• 500 Watts Peak Pulse Power per Line(tp = 8/20µs)
• ESD Protection > 25 kilovolts
• Low Clamping Voltage
• Protection for 4 Lines
• Ultra Low Capacitance: 3.5pF Typical (IO to GND)
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• Gigabit Ethernet
• SMART Phones
• Portable Electronics
• Video Card Interfaces
• USB 2.0 Interfaces
• DVI Interfaces




Similar Part No. - SRV05-4

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRV05-4 SEMTECH-SRV05-4 Datasheet
289Kb / 12P
Low Capacitance TVS Diode Array
logo
Protek Devices
SRV05-4 PROTEC-SRV05-4 Datasheet
79Kb / 4P
STEERING DIODE/ TVS ARRAY COMBO
logo
Semtech Corporation
SRV05-4 SEMTECH-SRV05-4 Datasheet
291Kb / 13P
RailClamp짰 Low Capacitance TVS Diode Array
logo
Protek Devices
SRV05-4 PROTEC-SRV05-4 Datasheet
630Kb / 8P
ultra low capacitance steering diode/tvs array
logo
Micro Commercial Compon...
SRV05-4 MCC-SRV05-4 Datasheet
183Kb / 3P
5 Volts ESD Protection Device
More results


Similar Description - SRV05-4

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLR0502 PROTEC-PLR0502 Datasheet
72Kb / 4P
STEERING DIODE/TVS ARRAY COMBO
PSR05 PROTEC-PSR05 Datasheet
87Kb / 5P
STEERING DIODE/TVS ARRAY COMBO
PSRDA3.3-6 PROTEC-PSRDA3.3-6 Datasheet
87Kb / 5P
STEERING DIODE/ TVS ARRAY COMBO
PUSB3B PROTEC-PUSB3B Datasheet
72Kb / 4P
STEERING DIODE/ TVS ARRAY COMBO
SR12 PROTEC-SR12 Datasheet
82Kb / 5P
STEERING DIODE/ TVS ARRAY COMBO
PLR0508 PROTEC-PLR0508 Datasheet
157Kb / 4P
STEERING DIODE/TVS ARRAY COMBO
logo
Leshan Radio Company
LGRV05-4LT1G LRC-LGRV05-4LT1G Datasheet
922Kb / 6P
STEERING DIODE/TVS ARRAY COMBO
logo
Bourns Electronic Solut...
CDNBS08-PLC03-6 BOURNS-CDNBS08-PLC03-6_09 Datasheet
270Kb / 4P
Steering Diode/TVS Array Combo
CDNBS08-PLC03-6 BOURNS-CDNBS08-PLC03-6_12 Datasheet
322Kb / 4P
Steering Diode/TVS Array Combo
CDNBS08-SRDA3.3-6 BOURNS-CDNBS08-SRDA3.3-6_12 Datasheet
336Kb / 4P
Steering Diode/TVS Array Combo
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com