Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRV05-4 Datasheet (PDF) - Micro Commercial Components

SRV05-4 Datasheet PDF - Micro Commercial Components
Part # SRV05-4
Download  SRV05-4 Download
File Size   183.76 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 5 Volts ESD Protection Device

SRV05-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
SRV05-4 Datasheet PDF - Micro Commercial Components

Part # SRV05-4
Download  SRV05-4 Click to download

File Size   183.76 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 5 Volts ESD Protection Device

SRV05-4 Datasheet (HTML) - Micro Commercial Components


SRV05-4 Product details

Features
• Can Handle Multiple ESD Strikes
• Low Leakage
• Moisture Sensitivity Level 1
• Epoxy Meets UL 94 V-0 Flammability Rating
• Halogen Free. “Green” Device (Note 1)
• Lead Free Finish/RoHS Compliant ("P" Suffix Designates RoHS
   Compliant. See Ordering Information)

Maximum Ratings
• Operating Junction Temperature Range: -55°C to +150°C
• Storage Temperature Range: -55°C to +150°C




Similar Part No. - SRV05-4

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRV05-4 SEMTECH-SRV05-4 Datasheet
289Kb / 12P
Low Capacitance TVS Diode Array
logo
Protek Devices
SRV05-4 PROTEC-SRV05-4 Datasheet
102Kb / 4P
STEERING DIODE / TVS ARRAY COMBO
SRV05-4 PROTEC-SRV05-4 Datasheet
79Kb / 4P
STEERING DIODE/ TVS ARRAY COMBO
logo
Semtech Corporation
SRV05-4 SEMTECH-SRV05-4 Datasheet
291Kb / 13P
RailClamp짰 Low Capacitance TVS Diode Array
logo
Protek Devices
SRV05-4 PROTEC-SRV05-4 Datasheet
630Kb / 8P
ultra low capacitance steering diode/tvs array
More results


Similar Description - SRV05-4

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESD5V0K5 MCC-ESD5V0K5 Datasheet
335Kb / 3P
5 Volts ESD Protection Device
ESD5V0M5 MCC-ESD5V0M5 Datasheet
188Kb / 3P
5 Volts ESD Protection Device
ESD5V0K5 MCC-ESD5V0K5_11 Datasheet
408Kb / 3P
5 Volts ESD Protection Device
ESD5V0M5 MCC-ESD5V0M5_11 Datasheet
272Kb / 3P
5 Volts ESD Protection Device
ESD5V0J4 MCC-ESD5V0J4 Datasheet
219Kb / 4P
5 Volts ESD Protection Devices
ESD5V0L4 MCC-ESD5V0L4 Datasheet
250Kb / 4P
5 Volts ESD Protection Devices
SRV05-4L MCC-SRV05-4L Datasheet
210Kb / 3P
5 Volts ESD Protection Device
ESDLC5V0L4 MCC-ESDLC5V0L4 Datasheet
477Kb / 3P
5 Volts ESD Protection Device Excellent clamping capability
SRV05-4L MCC-SRV05-4L_13 Datasheet
272Kb / 3P
5 Volts ESD Protection Device Low clamping voltage
ESD12VK4 MCC-ESD12VK4 Datasheet
465Kb / 4P
12 Volts ESD Protection Device
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com