Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP106 Datasheet (PDF) - Toshiba Semiconductor

TLP106 Datasheet PDF - Toshiba Semiconductor
Part # TLP106
Download  TLP106 Download
File Size   113.05 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Intelligent Power Module Signal Isolation Industrial Inverters Moter Drive

TLP106 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP106 Datasheet PDF - Toshiba Semiconductor

Part # TLP106
Download  TLP106 Click to download

File Size   113.05 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Intelligent Power Module Signal Isolation Industrial Inverters Moter Drive

TLP106 Datasheet (HTML) - Toshiba Semiconductor


TLP106 Product details

Intelligent Power Module Signal Isolation
Industrial Inverters
Motor Drive

The Toshiba TLP106 consists of a GaAℓAs light-emitting diode and an integrated high-gain, high-speed photo-detector. The TLP106 is suitable for isolating input control signals isolation to intelligent power modules. This unit is a 6-pin MFSOP.

● Buffer logic type (totem pole output)
● Guaranteed performance over temperature : -40~85°C
● Power supply voltage: -0.5~20 V
● Input current: IFLH = 3 mA (Max.)
● Switching Time (tpLH/tpHL): 400 ns (Max.)
● Common-mode transient immunity : 10 kV/μs
● Isolation voltage: 3750 Vrms




Similar Part No. - TLP106

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP106 TOSHIBA-TLP106 Datasheet
249Kb / 6P
PHOTO-IC Intelligent Power Module Signal Isolation
TLP106 TOSHIBA-TLP106_07 Datasheet
249Kb / 6P
PHOTO-IC Intelligent Power Module Signal Isolation
More results


Similar Description - TLP106

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP706F TOSHIBA-TLP706F Datasheet
133Kb / 2P
Intelligent power module signal isolation
TLP702F TOSHIBA-TLP702F Datasheet
94Kb / 2P
Intelligent power module signal isolation
TLP102 TOSHIBA-TLP102_05 Datasheet
250Kb / 6P
PHOTO-IC Intelligent Power Module Signal Isolation
TLP106 TOSHIBA-TLP106_07 Datasheet
249Kb / 6P
PHOTO-IC Intelligent Power Module Signal Isolation
2SB1067 TOSHIBA-2SB1067_09 Datasheet
179Kb / 5P
Micro-Moter Drive, Hammer Drive Applications Switching Applications Power Amplifier Applications
logo
Mitsubishi Electric Sem...
PS51277-A MITSUBISHI-PS51277-A Datasheet
55Kb / 6P
Intelligent Power Intelligent Power Module
logo
International Rectifier
IRGP4660DPBF IRF-IRGP4660DPBF Datasheet
348Kb / 12P
INDUSTRIAL MOTOR DRIVE, INVERTERS
logo
Toshiba Semiconductor
TLP700H TOSHIBA-TLP700H Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Solid State Optronic
SG6504 SSOUSA-SG6504 Datasheet
1Mb / 8P
Industrial Inverters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com