Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP706F Datasheet (PDF) - Toshiba Semiconductor

TLP706F Datasheet PDF - Toshiba Semiconductor
Part # TLP706F
Download  TLP706F Download
File Size   133.53 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Intelligent power module signal isolation

TLP706F Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP706F Datasheet PDF - Toshiba Semiconductor

Part # TLP706F
Download  TLP706F Click to download

File Size   133.53 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Intelligent power module signal isolation

TLP706F Datasheet (HTML) - Toshiba Semiconductor


TLP706F Product details

Intelligent power module signal isolation Industrial inverters Motor drive



The Toshiba TLP706F consists of a GaAℓAs light-emitting diode and an integrated high-gain, high-speed photodetector. The TLP706F is suitable for isolating input control signals to intelligent power modules. This unit is a 6-pin SDIP. The TLP706F is 50% smaller than the 8-PIN DIP and meets the reinforced insulation class requirements of international safety standards. Therefore the mounting area can be reduced in equipment requiring safety standard certification.



Buffer logic type ( totem pole output )

Pb Free

Guaranteed performance over temperature : −40~100°C

Power supply voltage : 4.5~20 V

Input current: IFHL= 5 mA (max.)

Switching time ( tpLH / t

pHL) : 600 ns (max.)

Common-mode transient immunity : ±10 kV/μs  (min)

Isolation voltage : 5000 Vrms (min)

UL Recognized :UL1577, File No.E67349

Option (D4)

  TÜV Approved : DIN EN60747-5-2

                        No.R50033433

  Maximum Operating Insulation Voltage : 1140VPK

  Highest Permissible Over Voltage   : 8000VPK

  (Note) : When a EN60747-5-2 approved type is needed, Please designate “Option(D4)”




Similar Part No. - TLP706F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
TOSHIBA Photocoupler GaAAs IRED Photo IC
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700A TOSHIBA-TLP700A Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700H TOSHIBA-TLP700H Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
More results


Similar Description - TLP706F

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBP100RA-060 FUJI-7MBP100RA-060 Datasheet
430Kb / 9P
Intelligent Power Module
7MBP150RA-060 FUJI-7MBP150RA-060 Datasheet
430Kb / 9P
Intelligent Power Module
7MBP50RA-060 FUJI-7MBP50RA-060 Datasheet
440Kb / 9P
Intelligent Power Module
7MBP75RA-060 FUJI-7MBP75RA-060 Datasheet
705Kb / 9P
Intelligent Power Module
logo
Toshiba Semiconductor
TLP106 TOSHIBA-TLP106 Datasheet
113Kb / 8P
Intelligent Power Module Signal Isolation Industrial Inverters Moter Drive
TLP702F TOSHIBA-TLP702F Datasheet
94Kb / 2P
Intelligent power module signal isolation
TLP102 TOSHIBA-TLP102_05 Datasheet
250Kb / 6P
PHOTO-IC Intelligent Power Module Signal Isolation
TLP106 TOSHIBA-TLP106_07 Datasheet
249Kb / 6P
PHOTO-IC Intelligent Power Module Signal Isolation
logo
Mitsubishi Electric Sem...
PS51277-A MITSUBISHI-PS51277-A Datasheet
55Kb / 6P
Intelligent Power Intelligent Power Module
logo
Alpha & Omega Semicondu...
AIM703S60C1 AOSMD-AIM703S60C1 Datasheet
812Kb / 11P
Intelligent Power Module
Rev.1.0 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com