Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC8114 Datasheet (PDF) - Toshiba Semiconductor

TPC8114 Datasheet PDF - Toshiba Semiconductor
Part # TPC8114
Download  TPC8114 Download
File Size   168.26 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIV)

TPC8114 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPC8114 Datasheet PDF - Toshiba Semiconductor

Part # TPC8114
Download  TPC8114 Click to download

File Size   168.26 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIV)

TPC8114 Datasheet (HTML) - Toshiba Semiconductor


TPC8114 Product details

Lithium Ion Battery Applications
Notebook PC Applications
Portable Equipment Applications

•  Small footprint due to small and thin package
•  Low drain-source ON resistance: RDS (ON)= 3.1 mΩ(typ.)
•  High forward transfer admittance: |Yfs| = 47 S (typ.)
•  Low leakage current: IDSS= −10 µA (max) (VDS= −30 V)
•  Enhancement mode: Vth= −0.8 to −2.0 V (VDS= −10 V, ID= −1 mA)




Similar Part No. - TPC8114

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8114 TOSHIBA-TPC8114 Datasheet
285Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8114 TOSHIBA-TPC8114_06 Datasheet
285Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results


Similar Description - TPC8114

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8115 TOSHIBA-TPC8115 Datasheet
2Mb / 4P
FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE(U-MOSIV)
TPCF8104 TOSHIBA-TPCF8104_07 Datasheet
228Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCP8102 TOSHIBA-TPCP8102 Datasheet
238Kb / 7P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS ??
TPCP8202 TOSHIBA-TPCP8202 Datasheet
235Kb / 7P
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOSIV)
TPCP8301 TOSHIBA-TPCP8301 Datasheet
294Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCP8302 TOSHIBA-TPCP8302 Datasheet
233Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TK25A10K3 TOSHIBA-TK25A10K3 Datasheet
312Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIV)
SSM3J133TU TOSHIBA-SSM3J133TU Datasheet
193Kb / 6P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J134TU TOSHIBA-SSM3J134TU Datasheet
209Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J135TU TOSHIBA-SSM3J135TU Datasheet
196Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com