Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP361J Datasheet (PDF) - Toshiba Semiconductor

TLP361J Datasheet PDF - Toshiba Semiconductor
Part # TLP361J
Download  TLP361J Download
File Size   78.6 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Triac Driver Programmable Controllers AC-Output Module Solid State Relay

TLP361J Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP361J Datasheet PDF - Toshiba Semiconductor

Part # TLP361J
Download  TLP361J Click to download

File Size   78.6 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Triac Driver Programmable Controllers AC-Output Module Solid State Relay

TLP361J Datasheet (HTML) - Toshiba Semiconductor


TLP361J Product details

Features
■ Peak Off-State Voltage : 600V(Min)
■ Trigger LED Current : 10mA(Max)
■ On-State Current : 70mA(Max)
■ Isolation Voltage : 5000Vrms(Min) •Construction Mechanical Rating 7.62 mm pich standard type 10.16 mm pich TLPXXXF type Creepage Distance Clearance Insulation Thickness 7.0 mm (Min) 7.0 mm (Min) 0.4 mm (Min) 8.0 mm (Min) 8.0 mm (Min) 0.4 mm (Min) •Trigger LED Current *Ex. (IFT7); TLP361J(IFT7) (Note) Application type name for certification test, please use standard product type name, i.e. TLP361J(IFT7): TLP361J JEDEC TOSHIBA 11-5B2 Weight: 0.26 g Trigger LED Current (mA) VT=6V, Ta=25°C Classi− fication* Min. Max.




Similar Part No. - TLP361J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP361J TOSHIBA-TLP361J Datasheet
181Kb / 7P
GaAs Ired & Photo-Triac
TLP361JF TOSHIBA-TLP361JF Datasheet
140Kb / 2P
GaAs Ired & Photo-Triac
01-Oct-2007
TLP361J TOSHIBA-TLP361J_07 Datasheet
181Kb / 7P
GaAs Ired & Photo-Triac
TLP361J TOSHIBA-TLP361J_14 Datasheet
207Kb / 6P
TOSHIBA Photocoupler GaAs Ired and Photo-Triac
More results


Similar Description - TLP361J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3520 TOSHIBA-TLP3520 Datasheet
145Kb / 6P
Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP3520A TOSHIBA-TLP3520A Datasheet
144Kb / 6P
Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP560G TOSHIBA-TLP560G Datasheet
259Kb / 5P
TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP560J TOSHIBA-TLP560J Datasheet
166Kb / 6P
Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP570 TOSHIBA-TLP570 Datasheet
707Kb / 8P
Programmable Controllers AC / DC.Input Module Solid State Relay
TLP561G TOSHIBA-TLP561G Datasheet
152Kb / 6P
Triac Driver Programmable Controllers AC-Output Module Solid State Relay
25-Sep-2002
TLP3527 TOSHIBA-TLP3527 Datasheet
167Kb / 6P
Triac Driver Programmable Controllers AC−Output Module Solid State Relay
TLP161J TOSHIBA-TLP161J Datasheet
122Kb / 6P
Triac Drive Programmable Controllers Ac−Output Module Solid State Relay
25-Sep-2002
TLP360J TOSHIBA-TLP360J Datasheet
77Kb / 4P
Triac Driver Programmable Controllers AC-Output Module Solid State Relay
27-Oct-2003
TLP3507 TOSHIBA-TLP3507 Datasheet
271Kb / 6P
TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
01-Jun-2001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com