Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP560J Datasheet (PDF) - Toshiba Semiconductor

TLP560J Datasheet PDF - Toshiba Semiconductor
Part # TLP560J
Download  TLP560J Download
File Size   166.6 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Triac Driver Programmable Controllers AC.Output Module Solid State Relay

TLP560J Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP560J Datasheet PDF - Toshiba Semiconductor

Part # TLP560J
Download  TLP560J Click to download

File Size   166.6 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Triac Driver Programmable Controllers AC.Output Module Solid State Relay

TLP560J Datasheet (HTML) - Toshiba Semiconductor


TLP560J Product details

Triac Driver Programmable Controllers AC−Output Module Solid State Relay



The TOSHIBA TLP560J consists of a photo−triac optically coupled to a gallium arsenide infrared emitting diode in a six lead plastic DIP package.



•  Peak off−state voltage: 600V(min.)

•  On−state current: 100mA(max.)

•  Isolation voltage: 2500Vrms (min.)

•  UL recognized: UL1577, file no. E67349

•  Isolation operating voltage: 2500Vac or 300Vdcfor isolation Group C*1

•  Trigger LED current




Similar Part No. - TLP560J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP560J TOSHIBA-TLP560J Datasheet
188Kb / 6P
GaAs Ired & Photo−Triac
TLP560J TOSHIBA-TLP560J_07 Datasheet
188Kb / 6P
GaAs Ired & Photo−Triac
TLP560J TOSHIBA-TLP560J_14 Datasheet
214Kb / 6P
TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
More results


Similar Description - TLP560J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3520 TOSHIBA-TLP3520 Datasheet
145Kb / 6P
Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP3520A TOSHIBA-TLP3520A Datasheet
144Kb / 6P
Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP541G TOSHIBA-TLP541G Datasheet
536Kb / 6P
Programmable Controllers AC.Output Module Solid State Relay
TLP560G TOSHIBA-TLP560G Datasheet
259Kb / 5P
TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP561G TOSHIBA-TLP561G Datasheet
152Kb / 6P
Triac Driver Programmable Controllers AC-Output Module Solid State Relay
25-Sep-2002
TLP3527 TOSHIBA-TLP3527 Datasheet
167Kb / 6P
Triac Driver Programmable Controllers AC−Output Module Solid State Relay
TLP161J TOSHIBA-TLP161J Datasheet
122Kb / 6P
Triac Drive Programmable Controllers Ac−Output Module Solid State Relay
25-Sep-2002
TLP360J TOSHIBA-TLP360J Datasheet
77Kb / 4P
Triac Driver Programmable Controllers AC-Output Module Solid State Relay
27-Oct-2003
TLP361J TOSHIBA-TLP361J Datasheet
78Kb / 4P
Triac Driver Programmable Controllers AC-Output Module Solid State Relay
27-Oct-2003
TLP3507 TOSHIBA-TLP3507 Datasheet
271Kb / 6P
TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
01-Jun-2001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com