Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ10007 Datasheet (PDF) - ON Semiconductor

MJ10007 Datasheet PDF - ON Semiconductor
Part # MJ10007
Download  MJ10007 Download
File Size   228.17 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description NPN SILICON POWER DARLINGTON TRANSISTORS

MJ10007 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ10007 Datasheet PDF - ON Semiconductor

Part # MJ10007
Download  MJ10007 Click to download

File Size   228.17 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description NPN SILICON POWER DARLINGTON TRANSISTORS

MJ10007 Datasheet (HTML) - ON Semiconductor


MJ10007 Product details

SWITCHMODE Series NPN Silicon Power Darlington Transistor With Base-emitter Speedup Diode

The MJ10007 Darlington transistor is designed for high–voltage, high–speed, power switching in inductive circuits where fall time is critical. It is particularly suited for line operated switchmode applications such as:

• Switching Regulators
• Inverters
• Solenoid and Relay Drivers
• Motor Controls
• Deflection Circuits
• Fast Turn–Off Times
    30 ns Inductive Fall Time — 25°C (Typ)
    500 ns Inductive Storage Time — 25°C (Typ)
    Operating Temperature Range –65 to +200°C
• 100°C Performance Specified for:
    Reversed Biased SOA with Inductive Loads
    Switching Times with Inductive Loads
    Saturation Voltages
    Leakage Currents




Similar Part No. - MJ10007

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ10007 MOSPEC-MJ10007 Datasheet
190Kb / 4P
POWER TRANSISTORS(10A,350-400V,150W)
logo
Motorola, Inc
MJ10007 MOTOROLA-MJ10007 Datasheet
228Kb / 8P
10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS
logo
Wing Shing Computer Com...
MJ10007 WINGS-MJ10007 Datasheet
21Kb / 1P
NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Boca Semiconductor Corp...
MJ10007 BOCA-MJ10007 Datasheet
197Kb / 4P
SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSISTOR WITH BASE-EMITTER SPEEDUP DIODE
logo
New Jersey Semi-Conduct...
MJ10007 NJSEMI-MJ10007 Datasheet
138Kb / 2P
10 AMPERE POWER DARLINGTON TRANSISTORS
More results


Similar Description - MJ10007

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ10005 ONSEMI-MJ10005 Datasheet
229Kb / 8P
NPN SILICON POWER DARLINGTON TRANSISTORS
REV 2
MJ10020 ONSEMI-MJ10020 Datasheet
293Kb / 8P
NPN SILICON POWER DARLINGTON TRANSISTORS
1995
logo
Savantic, Inc.
2SC3144 SAVANTIC-2SC3144 Datasheet
99Kb / 3P
Silicon NPN Darlington Power Transistors
2SC3146 SAVANTIC-2SC3146 Datasheet
96Kb / 3P
Silicon NPN Darlington Power Transistors
2SD2386 SAVANTIC-2SD2386 Datasheet
126Kb / 3P
Silicon NPN Darlington Power Transistors
2SD2439 SAVANTIC-2SD2439 Datasheet
142Kb / 3P
Silicon NPN Darlington Power Transistors
2SD2560 SAVANTIC-2SD2560 Datasheet
147Kb / 3P
Silicon NPN Darlington Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1895 JMNIC-2SD1895 Datasheet
98Kb / 3P
Silicon NPN Darlington Power Transistors
logo
Inchange Semiconductor ...
2SD2560 ISC-2SD2560 Datasheet
137Kb / 3P
Silicon NPN Darlington Power Transistors
logo
Savantic, Inc.
2SD2386 SAVANTIC-2SD2386 Datasheet
127Kb / 3P
Silicon NPN Darlington Power Transistors
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com