Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ10007 Datasheet (PDF) - Motorola, Inc

MJ10007 Datasheet PDF - Motorola, Inc
Part # MJ10007
Download  MJ10007 Download
File Size   228.17 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS

MJ10007 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ10007 Datasheet PDF - Motorola, Inc

Part # MJ10007
Download  MJ10007 Click to download

File Size   228.17 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS

MJ10007 Datasheet (HTML) - Motorola, Inc


MJ10007 Product details

SWITCHMODE Series NPN Silicon Power Darlington Transistor With Base-emitter Speedup Diode

The MJ10007 Darlington transistor is designed for high–voltage, high–speed, power switching in inductive circuits where fall time is critical. It is particularly suited for line operated switchmode applications such as:

• Switching Regulators
• Inverters
• Solenoid and Relay Drivers
• Motor Controls
• Deflection Circuits
Fast Turn–Off Times
    30 ns Inductive Fall Time — 25°C (Typ)
    500 ns Inductive Storage Time — 25°C (Typ)
Operating Temperature Range –65 to +200°C
100°C Performance Specified for:
    Reversed Biased SOA with Inductive Loads
    Switching Times with Inductive Loads
    Saturation Voltages
    Leakage Currents




Similar Part No. - MJ10007

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ10007 MOSPEC-MJ10007 Datasheet
190Kb / 4P
POWER TRANSISTORS(10A,350-400V,150W)
logo
ON Semiconductor
MJ10007 ONSEMI-MJ10007 Datasheet
228Kb / 8P
NPN SILICON POWER DARLINGTON TRANSISTORS
1995 REV 2
logo
Wing Shing Computer Com...
MJ10007 WINGS-MJ10007 Datasheet
21Kb / 1P
NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Boca Semiconductor Corp...
MJ10007 BOCA-MJ10007 Datasheet
197Kb / 4P
SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSISTOR WITH BASE-EMITTER SPEEDUP DIODE
logo
New Jersey Semi-Conduct...
MJ10007 NJSEMI-MJ10007 Datasheet
138Kb / 2P
10 AMPERE POWER DARLINGTON TRANSISTORS
More results


Similar Description - MJ10007

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N3715 MOTOROLA-2N3715 Datasheet
272Kb / 6P
10 AMPERE POWER TRANSISTORS SILICON NPN 60.80 VOLTS 150 WATTS
BU323A MOTOROLA-BU323A Datasheet
239Kb / 6P
16 AMPERE PEAK POWER TRANSISTOR DARLINGTON NPN SILICON 400 VOLTS 175 WATTS
MJ10005 MOTOROLA-MJ10005 Datasheet
229Kb / 8P
20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS
MJ10012 MOTOROLA-MJ10012 Datasheet
191Kb / 6P
10 AMPERE POWER TRANSISTORS DARLINGTON NPN SILICON 400 VOLTS 175 AND 118 WATTS
MJ10015 MOTOROLA-MJ10015 Datasheet
217Kb / 6P
50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
MJ13333 MOTOROLA-MJ13333 Datasheet
278Kb / 8P
20 AMPERE NPN SILICON POWER TRANSISTORS 400-500 VOLTS 175 WATTS
MJ2500 MOTOROLA-MJ2500 Datasheet
132Kb / 4P
10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
MJH11017 MOTOROLA-MJH11017 Datasheet
212Kb / 6P
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
logo
ON Semiconductor
MJH11017 ONSEMI-MJH11017_06 Datasheet
86Kb / 6P
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com