Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3715 Datasheet (PDF) - Motorola, Inc

2N3715 Datasheet PDF - Motorola, Inc
Part # 2N3715
Download  2N3715 Download
File Size   272.9 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 10 AMPERE POWER TRANSISTORS SILICON NPN 60.80 VOLTS 150 WATTS

2N3715 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N3715 Datasheet PDF - Motorola, Inc

Part # 2N3715
Download  2N3715 Click to download

File Size   272.9 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 10 AMPERE POWER TRANSISTORS SILICON NPN 60.80 VOLTS 150 WATTS

2N3715 Datasheet (HTML) - Motorola, Inc


2N3715 Product details

Silicon NPN Power Transistors

. . . designed for medium–speed switching and amplifier applications. These devices feature:

• Total Switching Time at 3 A typically 1.15 µs
• Gain Ranges Specified at 1 A and 3 A
• Low VCE(sat): typically 0.5 V at IC = 5 A and IB = 0.5 A
• Excellent Safe Operating Areas
• Complement to 2N3791–92




Similar Part No. - 2N3715

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3715 BOCA-2N3715 Datasheet
132Kb / 3P
SILICON NPN POWER TRANSISTORS
logo
Microsemi Corporation
2N3715 MICROSEMI-2N3715 Datasheet
64Kb / 2P
NPN HIGH POWER SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N3715 ETC-2N3715 Datasheet
347Kb / 8P
Power Transistors
logo
Inchange Semiconductor ...
2N3715 ISC-2N3715 Datasheet
42Kb / 2P
isc Silicon NPN Power Transistors
logo
Comset Semiconductor
2N3715 COMSET-2N3715 Datasheet
178Kb / 5P
EPITAXIAL-BASE NPN - PNP
More results


Similar Description - 2N3715

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ10007 MOTOROLA-MJ10007 Datasheet
228Kb / 8P
10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS
MJ2500 MOTOROLA-MJ2500 Datasheet
132Kb / 4P
10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
MJE15028 MOTOROLA-MJE15028 Datasheet
217Kb / 6P
8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS
MJE16002 MOTOROLA-MJE16002 Datasheet
425Kb / 10P
5.0 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 80 WATTS
MJE2360T MOTOROLA-MJE2360T Datasheet
98Kb / 4P
0.5 AMPERE POWER TRANSISTORS NPN SILICON 350 VOLTS 30 WATTS
MJE2955T MOTOROLA-MJE2955T Datasheet
129Kb / 4P
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 VOLTS 75 WATTS
MJE341 MOTOROLA-MJE341 Datasheet
130Kb / 4P
0.5 AMPERE POWER TRANSISTORS NPN SILICON 150-200 VOLTS 20 WATTS
MJH11017 MOTOROLA-MJH11017 Datasheet
212Kb / 6P
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
logo
ON Semiconductor
MJH11017 ONSEMI-MJH11017_06 Datasheet
86Kb / 6P
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
2N5038 ONSEMI-2N5038_07 Datasheet
84Kb / 3P
NPN Silicon Transistors 20 AMPERE POWER TRANSISTORS 90 VOLTS - 140 WATTS
August, 2007 - Rev. 12
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com