Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE15028 Datasheet (PDF) - Motorola, Inc

MJE15028 Datasheet PDF - Motorola, Inc
Part # MJE15028
Download  MJE15028 Download
File Size   217.2 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS

MJE15028 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE15028 Datasheet PDF - Motorola, Inc

Part # MJE15028
Download  MJE15028 Click to download

File Size   217.2 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS

MJE15028 Datasheet (HTML) - Motorola, Inc


MJE15028 Product details

Complementary Silicon Plastic Power Transistors

. . . designed for use as high–frequency drivers in audio amplifiers.

• DC Current Gain Specified to 4.0 Amperes
      hFE = 40 (Min) @ IC = 3.0 Adc
              = 20 (Min) @ IC = 4.0 Adc
• Collector–Emitter Sustaining Voltage —
      VCEO(sus) = 120 Vdc (Min) — MJE15028, MJE15029
                         = 150 Vdc (Min) — MJE15030, MJE15031
• High Current Gain — Bandwidth Product
      fT = 30 MHz (Min) @ IC = 500 mAdc
• TO–220AB Compact Package




Similar Part No. - MJE15028

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE15028 MOSPEC-MJE15028 Datasheet
208Kb / 4P
POWER TRANSISTORS(8.0A,120-150V,50W)
logo
ON Semiconductor
MJE15028 ONSEMI-MJE15028 Datasheet
217Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
November, 2014 ??Rev. 7
logo
Boca Semiconductor Corp...
MJE15028 BOCA-MJE15028 Datasheet
25Kb / 2P
HIGH FREQUENCY DRIVERS IN AUDIO AMPLIFIERS
logo
ON Semiconductor
MJE15028 ONSEMI-MJE15028 Datasheet
79Kb / 6P
8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120??50 VOLTS, 50 WATTS
February, 2006 ??Rev. 4
logo
Savantic, Inc.
MJE15028 SAVANTIC-MJE15028 Datasheet
118Kb / 4P
Silicon NPN Power Transistors
More results


Similar Description - MJE15028

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N3055A MOTOROLA-2N3055A Datasheet
235Kb / 6P
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 120 VOLTS 115, 180 WATTS
MJ11028 MOTOROLA-MJ11028 Datasheet
153Kb / 4P
50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
MJ2500 MOTOROLA-MJ2500 Datasheet
132Kb / 4P
10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
MJF15030 MOTOROLA-MJF15030 Datasheet
246Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS 36 WATTS
MJH11017 MOTOROLA-MJH11017 Datasheet
212Kb / 6P
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
logo
ON Semiconductor
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
MJE15028 ONSEMI-MJE15028_06 Datasheet
79Kb / 6P
8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120??50 VOLTS, 50 WATTS
February, 2006 ??Rev. 4
MJF15030 ONSEMI-MJF15030_06 Datasheet
143Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
MJH11017 ONSEMI-MJH11017_06 Datasheet
86Kb / 6P
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
2N6107 ONSEMI-2N6107_11 Datasheet
117Kb / 5P
7 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 30 ??50 ??70 VOLTS, 40 WATTS
October, 2011 ??Rev. 9
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com