Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJF15030 Datasheet (PDF) - Motorola, Inc

MJF15030 Datasheet PDF - Motorola, Inc
Part # MJF15030
Download  MJF15030 Download
File Size   246.16 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS 36 WATTS

MJF15030 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJF15030 Datasheet PDF - Motorola, Inc

Part # MJF15030
Download  MJF15030 Click to download

File Size   246.16 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS 36 WATTS

MJF15030 Datasheet (HTML) - Motorola, Inc


MJF15030 Product details

Complementary Power Transistors
For Isolated Package Applications

Designed for general–purpose amplifier and switching applications, where the mounting surface of the device is required to be electrically isolated from the heatsink or chassis.

• Electrically Similar to the Popular MJE15030 and MJE15031
• 150 VCEO(sus)
• 8 A Rated Collector Current
• No Isolating Washers Required
• Reduced System Cost
• High Current Gain–Bandwidth Product
    fT = 30 MHz (Min) @ IC = 500 mAdc
• UL Recognized, File #E69369, to 3500 VRMS Isolation




Similar Part No. - MJF15030

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
1995
MJF15030 ONSEMI-MJF15030 Datasheet
143Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
logo
Savantic, Inc.
MJF15030 SAVANTIC-MJF15030 Datasheet
228Kb / 4P
Silicon NPN Power Transistors
logo
ON Semiconductor
MJF15030 ONSEMI-MJF15030 Datasheet
139Kb / 6P
Complementary Power Transistors
July, 2008 ??Rev. 6
logo
Inchange Semiconductor ...
MJF15030 ISC-MJF15030 Datasheet
149Kb / 4P
Silicon NPN Power Transistors
More results


Similar Description - MJF15030

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ15018 MOTOROLA-MJ15018 Datasheet
135Kb / 4P
4.0 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 200 AND 250 VOLTS 150 WATTS
MJE15028 MOTOROLA-MJE15028 Datasheet
217Kb / 6P
8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS
MJF3055 MOTOROLA-MJF3055 Datasheet
156Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS 10 AMPERES 90 VOLTS 30 WATTS
MJH16006A MOTOROLA-MJH16006A Datasheet
337Kb / 10P
POWER TRANSISTORS 8 AMPERES 500 VOLTS 150 WATTS
MJW21192 MOTOROLA-MJW21192 Datasheet
150Kb / 8P
8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 150 VOLTS 100 WATTS
logo
ON Semiconductor
MJE15034 ONSEMI-MJE15034 Datasheet
64Kb / 6P
4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS 50 WATTS
November, 2003 ??Rev. 2
MJE15032 ONSEMI-MJE15032_05 Datasheet
75Kb / 6P
8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS, 50 WATTS
June, 2005 ??Rev. 3
MJF44H11 ONSEMI-MJF44H11_06 Datasheet
115Kb / 5P
SILICON POWER TRANSISTORS 10 AMPERES 80 VOLTS, 36 WATTS
April, 2006 ??Rev. 4
MJF15030 ONSEMI-MJF15030_06 Datasheet
143Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
MJW3281A ONSEMI-MJW3281A_06 Datasheet
74Kb / 6P
15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS
January, 2006 ??Rev. 3
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com