Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJH16006A Datasheet (PDF) - Motorola, Inc

MJH16006A Datasheet PDF - Motorola, Inc
Part # MJH16006A
Download  MJH16006A Download
File Size   337.33 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description POWER TRANSISTORS 8 AMPERES 500 VOLTS 150 WATTS

MJH16006A Datasheet (PDF)

Go To PDF Page Download Datasheet
MJH16006A Datasheet PDF - Motorola, Inc

Part # MJH16006A
Download  MJH16006A Click to download

File Size   337.33 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description POWER TRANSISTORS 8 AMPERES 500 VOLTS 150 WATTS

MJH16006A Datasheet (HTML) - Motorola, Inc


MJH16006A Product details

NPN Silicon Power Transistor

1kV SWITCHMODE Series



These transistors are designed for high–voltage, high–speed, power switching in inductive circuits where fall time is critical. They are particularly suited for line–operated switchmode applications.



Features:

• Collector–Emitter Voltage — VCEV = 1000 Vdc

• Fast Turn–Off Times

   80 ns Inductive Fall Time — 100°C (Typ)

   120 ns Inductive Crossover Time — 100°C (Typ)

   800 ns Inductive Storage Time — 100°C (Typ)

• 100°C Performance Specified for:

   Reverse–Biased SOA with Inductive Load

   Switching Times with Inductive Loads

   Saturation Voltages

   Leakage Currents

• Extended FBSOA Rating Using Ultra–fast Rectifiers

• Extremely High RBSOA Capability



Typical Applications:

• Switching Regulators

• Inverters

• Solenoids

• Relay Drivers

• Motor Controls

• Deflection Circuits



 




Similar Part No. - MJH16006A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJH16006A ONSEMI-MJH16006A Datasheet
299Kb / 10P
POWER TRANSISTORS
1996 REV 4
logo
New Jersey Semi-Conduct...
MJH16006A NJSEMI-MJH16006A Datasheet
101Kb / 2P
NPN Silicon Power Transistor
More results


Similar Description - MJH16006A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUH150 MOTOROLA-BUH150 Datasheet
462Kb / 10P
POWER TRANSISTOR 15 AMPERES 700 VOLTS 150 WATTS
MJD44H11 MOTOROLA-MJD44H11 Datasheet
192Kb / 6P
SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
MJE16106 MOTOROLA-MJE16106 Datasheet
380Kb / 10P
POWER TRANSISTORS 8 AMPERES 400 VOLTS 100 AND 125 WATTS
MJE18009 MOTOROLA-MJE18009 Datasheet
433Kb / 10P
POWER TRANSISTORS 10 AMPERES 1000 VOLTS 50 and 150 WATTS
MJF15030 MOTOROLA-MJF15030 Datasheet
246Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS 36 WATTS
MJW16010A MOTOROLA-MJW16010A Datasheet
362Kb / 10P
POWER TRANSISTORS 15 AMPERES 500 VOLTS 125 AND 175 WATTS
MJW16206 MOTOROLA-MJW16206 Datasheet
342Kb / 10P
POWER TRANSISTORS 12 AMPERES 1200 VOLTS - VCES 50 and 150 WATTS
MJW21192 MOTOROLA-MJW21192 Datasheet
150Kb / 8P
8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 150 VOLTS 100 WATTS
logo
ON Semiconductor
BUH150 ONSEMI-BUH150 Datasheet
462Kb / 10P
POWER TRANSISTOR 15 AMPERES 700 VOLTS 150 WATTS
MJF15030 ONSEMI-MJF15030_06 Datasheet
143Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com