Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE16106 Datasheet (PDF) - Motorola, Inc

MJE16106 Datasheet PDF - Motorola, Inc
Part # MJE16106
Download  MJE16106 Download
File Size   380.68 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description POWER TRANSISTORS 8 AMPERES 400 VOLTS 100 AND 125 WATTS

MJE16106 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE16106 Datasheet PDF - Motorola, Inc

Part # MJE16106
Download  MJE16106 Click to download

File Size   380.68 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description POWER TRANSISTORS 8 AMPERES 400 VOLTS 100 AND 125 WATTS

MJE16106 Datasheet (HTML) - Motorola, Inc


MJE16106 Product details

NPN Silicon Power Transistor Switchmode Bridge Series

. . . specifically designed for use in half bridge and full bridge off line converters.

• Excellent Dynamic Saturation Characteristics
• Rugged RBSOA Capability
• Collector–Emitter Sustaining Voltage — VCEO(sus) — 400 V
• Collector–Emitter Breakdown — V(BR)CES — 650 V
• State–of–Art Bipolar Power Transistor Design
• Fast Inductive Switching:
    tfi = 30 ns (Typ) @ 100°C
    tc = 65 ns (Typ) @ 100°C
    tsv = 1.3 µs (Typ) @ 100°C
• Ultrafast FBSOA Specified
• 100°C Performance Specified for:
    RBSOA
    Inductive Load Switching
    Saturation Voltages
    Leakages




Similar Part No. - MJE16106

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MJE16106 ISC-MJE16106 Datasheet
298Kb / 2P
isc Silicon NPN Power Transistor
More results


Similar Description - MJE16106

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ16018 MOTOROLA-MJ16018 Datasheet
366Kb / 8P
POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS
MJ16110 MOTOROLA-MJ16110 Datasheet
414Kb / 10P
POWER TRANSISTORS 15 AMPERES 400 VOLTS 175 AND 135 WATTS
MJD112 MOTOROLA-MJD112 Datasheet
306Kb / 6P
SILICON POWER TRANSISTORS 2 AMPERES 100 VOLTS 20 WATTS
MJD44H11 MOTOROLA-MJD44H11 Datasheet
192Kb / 6P
SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
MJE18008 MOTOROLA-MJE18008 Datasheet
421Kb / 10P
POWER TRANSISTOR 8.0 AMPERES 1000 VOLTS 45 and 125 WATTS
MJE18206 MOTOROLA-MJE18206 Datasheet
504Kb / 12P
POWER TRANSISTORS 8 AMPERES 1200 VOLTS 40 and 100 WATTS
MJE18604D2 MOTOROLA-MJE18604D2 Datasheet
217Kb / 6P
POWER TRANSISTORS 3 AMPERES 1600 VOLTS 100 WATTS
MJE5740 MOTOROLA-MJE5740 Datasheet
216Kb / 6P
POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
MJH16006A MOTOROLA-MJH16006A Datasheet
337Kb / 10P
POWER TRANSISTORS 8 AMPERES 500 VOLTS 150 WATTS
MJW16010A MOTOROLA-MJW16010A Datasheet
362Kb / 10P
POWER TRANSISTORS 15 AMPERES 500 VOLTS 125 AND 175 WATTS
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com