Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ16110 Datasheet (PDF) - Motorola, Inc

MJ16110 Datasheet PDF - Motorola, Inc
Part # MJ16110
Download  MJ16110 Download
File Size   414.65 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description POWER TRANSISTORS 15 AMPERES 400 VOLTS 175 AND 135 WATTS

MJ16110 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ16110 Datasheet PDF - Motorola, Inc

Part # MJ16110
Download  MJ16110 Click to download

File Size   414.65 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description POWER TRANSISTORS 15 AMPERES 400 VOLTS 175 AND 135 WATTS

MJ16110 Datasheet (HTML) - Motorola, Inc


MJ16110 Product details

NPN Silicon Power Transistors SWITCHMODE Bridge Series

. . . specifically designed for use in half bridge and full bridge off line converters.

• Excellent Dynamic Saturation Characteristics
• Rugged RBSOA Capability
• Collector–Emitter Sustaining Voltage — VCEO(sus) — 400 V
• Collector–Emitter Breakdown — V(BR)CES — 650 V
• State–of–Art Bipolar Power Transistor Design
• Fast Inductive Switching:
    tfi = 25 ns (Typ) @ 100°C
    tc = 50 ns (Typ) @ 100°C
    tsv = 1 µs (Typ) @ 100°C
• Ultrafast FBSOA Specified
• 100°C Performance Specified for:
    RBSOA
    Inductive Load Switching
    Saturation Voltages
    Leakages




Similar Part No. - MJ16110

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ16110 ONSEMI-MJ16110 Datasheet
414Kb / 10P
NPN Silicon Power Transistors
REV 1
logo
New Jersey Semi-Conduct...
MJ16110 NJSEMI-MJ16110 Datasheet
95Kb / 2P
NPN Silicon Power Transistors
MJ16110 NJSEMI-MJ16110 Datasheet
95Kb / 2P
NPN Silicon Power Transistors
logo
Inchange Semiconductor ...
MJ16110 ISC-MJ16110 Datasheet
144Kb / 2P
isc Silicon NPN Power Transistor
More results


Similar Description - MJ16110

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ10005 MOTOROLA-MJ10005 Datasheet
229Kb / 8P
20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS
MJ10012 MOTOROLA-MJ10012 Datasheet
191Kb / 6P
10 AMPERE POWER TRANSISTORS DARLINGTON NPN SILICON 400 VOLTS 175 AND 118 WATTS
MJ16010 MOTOROLA-MJ16010 Datasheet
548Kb / 10P
15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS
MJ16018 MOTOROLA-MJ16018 Datasheet
366Kb / 8P
POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS
MJE16106 MOTOROLA-MJE16106 Datasheet
380Kb / 10P
POWER TRANSISTORS 8 AMPERES 400 VOLTS 100 AND 125 WATTS
MJE5740 MOTOROLA-MJE5740 Datasheet
216Kb / 6P
POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
MJW16010A MOTOROLA-MJW16010A Datasheet
362Kb / 10P
POWER TRANSISTORS 15 AMPERES 500 VOLTS 125 AND 175 WATTS
logo
ON Semiconductor
MJL3281A ONSEMI-MJL3281A_05 Datasheet
67Kb / 5P
15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 260 VOLTS 200 WATTS
October, 2005 ??Rev. 9
MJL4281A ONSEMI-MJL4281A_06 Datasheet
64Kb / 5P
15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 350 VOLTS, 230 WATTS
January, 2006 ??Rev. 2
MJW3281A ONSEMI-MJW3281A_06 Datasheet
74Kb / 6P
15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS
January, 2006 ??Rev. 3
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com