Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ16110 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MJ16110 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MJ16110
Download  MJ16110 Download
File Size   95.28 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description NPN Silicon Power Transistors

MJ16110 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ16110 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MJ16110
Download  MJ16110 Click to download

File Size   95.28 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description NPN Silicon Power Transistors

MJ16110 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MJ16110 Product details

NPN Silicon Power Transistors SWITCHMODE Bridge Series

.. . specifically designed for use in half bridge and full bridge off line converters.

• Excellent Dynamic Saturation Characteristics
• Rugged RBSOA Capability
• Collector-Emitter Sustaining Voltage — VCEO(SUS) — 400 V
• Collector-Emitter Breakdown — V(BR)CES —650v
• State-of-Art Bipolar Power Transistor Design
• Fast Inductive Switching:
    tfj = 25 ns (Typ) @ 100°C
    tc = 50 ns (Typ) @ 100°C
    tsv = 1 us(Typ)@100°C
• Ultrafast FBSOA Specified
• 100°C Performance Specified for:
    RBSOA
    Inductive Load Switching
    Saturation Voltages
    Leakages




Similar Part No. - MJ16110

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ16110 MOTOROLA-MJ16110 Datasheet
414Kb / 10P
POWER TRANSISTORS 15 AMPERES 400 VOLTS 175 AND 135 WATTS
logo
ON Semiconductor
MJ16110 ONSEMI-MJ16110 Datasheet
414Kb / 10P
NPN Silicon Power Transistors
REV 1
logo
New Jersey Semi-Conduct...
MJ16110 NJSEMI-MJ16110 Datasheet
95Kb / 2P
NPN Silicon Power Transistors
logo
Inchange Semiconductor ...
MJ16110 ISC-MJ16110 Datasheet
144Kb / 2P
isc Silicon NPN Power Transistor
More results


Similar Description - MJ16110

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com