Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ16110 Datasheet (PDF) - ON Semiconductor

MJ16110 Datasheet PDF - ON Semiconductor
Part # MJ16110
Download  MJ16110 Download
File Size   414.65 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description NPN Silicon Power Transistors

MJ16110 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ16110 Datasheet PDF - ON Semiconductor

Part # MJ16110
Download  MJ16110 Click to download

File Size   414.65 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description NPN Silicon Power Transistors

MJ16110 Datasheet (HTML) - ON Semiconductor


MJ16110 Product details

. . . specifically designed for use in half bridge and full bridge off line converters.

• Excellent Dynamic Saturation Characteristics
• Rugged RBSOA Capability
• Collector–Emitter Sustaining Voltage — VCEO(sus) — 400 V
• Collector–Emitter Breakdown — V(BR)CES — 650 V
• State–of–Art Bipolar Power Transistor Design
• Fast Inductive Switching:
    tfi = 25 ns (Typ) @ 100°C
    tc = 50 ns (Typ) @ 100°C
    tsv = 1 µs (Typ) @ 100°C
• Ultrafast FBSOA Specified
• 100°C Performance Specified for:
    RBSOA
    Inductive Load Switching
    Saturation Voltages
    Leakages




Similar Part No. - MJ16110

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ16110 MOTOROLA-MJ16110 Datasheet
414Kb / 10P
POWER TRANSISTORS 15 AMPERES 400 VOLTS 175 AND 135 WATTS
logo
New Jersey Semi-Conduct...
MJ16110 NJSEMI-MJ16110 Datasheet
95Kb / 2P
NPN Silicon Power Transistors
MJ16110 NJSEMI-MJ16110 Datasheet
95Kb / 2P
NPN Silicon Power Transistors
logo
Inchange Semiconductor ...
MJ16110 ISC-MJ16110 Datasheet
144Kb / 2P
isc Silicon NPN Power Transistor
More results


Similar Description - MJ16110

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com