Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE18604D2 Datasheet (PDF) - Motorola, Inc

MJE18604D2 Datasheet PDF - Motorola, Inc
Part # MJE18604D2
Download  MJE18604D2 Download
File Size   217.24 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description POWER TRANSISTORS 3 AMPERES 1600 VOLTS 100 WATTS

MJE18604D2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE18604D2 Datasheet PDF - Motorola, Inc

Part # MJE18604D2
Download  MJE18604D2 Click to download

File Size   217.24 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description POWER TRANSISTORS 3 AMPERES 1600 VOLTS 100 WATTS

MJE18604D2 Datasheet (HTML) - Motorola, Inc


MJE18604D2 Product details

High Speed, High Gain NPN Power Transister with Intergrated Collector-Emitter Diode and Built-in Efficient Antisaturation Network for 1600 V Applications

The MJE18604D2 is state–of–art High Speed High gain BIPolar transistor (H2BIP). Tight dynamic characteristics and lot to lot low spread (±150 ns on storage time) make it ideally suitable for light ballast applications. Therefore, there is no more a need to guarantee an hfe window.

Main features:
• Low Base Drive Requirement
• High DC Current Gain (30 Typical) @ IC = 400 mA
• Extremely Low Storage Time Min/Max Guarantees Due to the Internal Active Antisaturation (H2BIP) Structure which Minimizes the Spread
• Integrated Collector–Emitter Free Wheeling Diode Matched with the Power Transistor
• Fully Characterized and Guaranteed Dynamic VCE(sat)
• “6 Sigma” Process Providing Tight and Reproductible Parameter Spreads




Similar Part No. - MJE18604D2

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE180 MOSPEC-MJE180 Datasheet
228Kb / 4P
POWER TRANSISTORS(3.0A,40-80V,12.5W)
logo
Fairchild Semiconductor
MJE180 FAIRCHILD-MJE180 Datasheet
48Kb / 4P
Low Power Audio Amplifier Low Current High Speed Switching Applications
logo
ON Semiconductor
MJE180 ONSEMI-MJE180 Datasheet
83Kb / 6P
Complementary Plastic Silicon Power Transistors 40 ??60 ??80 VOLTS 12.5 WATTS
January, 2006 ??Rev. 9
logo
Savantic, Inc.
MJE180 SAVANTIC-MJE180 Datasheet
102Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
MJE180 ISC-MJE180 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistor
More results


Similar Description - MJE18604D2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUD43B MOTOROLA-BUD43B Datasheet
112Kb / 4P
POWER TRANSISTORS 2 AMPERES 700 VOLTS 25 WATTS
BUD44D2 MOTOROLA-BUD44D2 Datasheet
538Kb / 10P
POWER TRANSISTORS 2 AMPERES 700 VOLTS 25 WATTS
BUL43B MOTOROLA-BUL43B Datasheet
98Kb / 4P
POWER TRANSISTORS 2 AMPERES 700 VOLTS 40 WATTS
MJD112 MOTOROLA-MJD112 Datasheet
306Kb / 6P
SILICON POWER TRANSISTORS 2 AMPERES 100 VOLTS 20 WATTS
MJE16106 MOTOROLA-MJE16106 Datasheet
380Kb / 10P
POWER TRANSISTORS 8 AMPERES 400 VOLTS 100 AND 125 WATTS
MJE18002D2 MOTOROLA-MJE18002D2 Datasheet
152Kb / 4P
POWER TRANSISTORS 2 AMPERES 1000 VOLTS 50 WATTS
MJE18004D2 MOTOROLA-MJE18004D2 Datasheet
466Kb / 12P
POWER TRANSISTORS 5 AMPERES 1000 VOLTS 75 WATTS
MJE18206 MOTOROLA-MJE18206 Datasheet
504Kb / 12P
POWER TRANSISTORS 8 AMPERES 1200 VOLTS 40 and 100 WATTS
MJW21192 MOTOROLA-MJW21192 Datasheet
150Kb / 8P
8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 150 VOLTS 100 WATTS
logo
ON Semiconductor
BUL45D2 ONSEMI-BUL45D2 Datasheet
444Kb / 12P
POWER TRANSISTORS 5 AMPERES 700 VOLTS 75 WATTS
1995
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com