Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE180 Datasheet (PDF) - Inchange Semiconductor Company Limited

MJE180 Datasheet PDF - Inchange Semiconductor Company Limited
Part # MJE180
Download  MJE180 Download
File Size   107.1 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

MJE180 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE180 Datasheet PDF - Inchange Semiconductor Company Limited

Part # MJE180
Download  MJE180 Click to download

File Size   107.1 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

MJE180 Datasheet (HTML) - Inchange Semiconductor Company Limited


MJE180 Product details

DESCRIPTION

·Collector–Emitter Sustaining Voltage—

   : VCEO(SUS) = 40 V

·DC Current Gain—

   : hFE = 30(Min) @ IC= 0.5 A

                              = 12(Min) @ IC= 1.5 A

·Complement to Type MJE170



APPLICATIONS

·Low power audio amplifier

·Low current high speed switching applications



 




Similar Part No. - MJE180

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE180 MOSPEC-MJE180 Datasheet
228Kb / 4P
POWER TRANSISTORS(3.0A,40-80V,12.5W)
logo
Fairchild Semiconductor
MJE180 FAIRCHILD-MJE180 Datasheet
48Kb / 4P
Low Power Audio Amplifier Low Current High Speed Switching Applications
logo
ON Semiconductor
MJE180 ONSEMI-MJE180 Datasheet
83Kb / 6P
Complementary Plastic Silicon Power Transistors 40 ??60 ??80 VOLTS 12.5 WATTS
January, 2006 ??Rev. 9
logo
Savantic, Inc.
MJE180 SAVANTIC-MJE180 Datasheet
102Kb / 3P
Silicon NPN Power Transistors
MJE180 SAVANTIC-MJE180 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - MJE180

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com