Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ413 Datasheet (PDF) - Inchange Semiconductor Company Limited

MJ413 Datasheet PDF - Inchange Semiconductor Company Limited
Part # MJ413
Download  MJ413 Download
File Size   71.45 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

MJ413 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ413 Datasheet PDF - Inchange Semiconductor Company Limited

Part # MJ413
Download  MJ413 Click to download

File Size   71.45 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

MJ413 Datasheet (HTML) - Inchange Semiconductor Company Limited


MJ413 Product details

DESCRIPTION
• High Collector-Emitter Sustaining Voltage- : VCEO(SUS)= 325V(Min.)
• DC Current Gain- : hFE= 20-80@ IC= 0.5A

APPLICATIONS
• Designed for medium to high voltage inverters, converters, regulators and switching circuits.




Similar Part No. - MJ413

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ413 MOTOROLA-MJ413 Datasheet
134Kb / 4P
10 AMPERE POWER TRANSISTORS NPN SILICON
logo
Micro Commercial Compon...
MJ413 MCC-MJ413 Datasheet
108Kb / 2P
10 Amp NPN Silicon Power Transistors 125W
logo
Savantic, Inc.
MJ413 SAVANTIC-MJ413 Datasheet
110Kb / 3P
Silicon NPN Power Transistors
MJ413 SAVANTIC-MJ413 Datasheet
111Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
MJ413 NJSEMI-MJ413 Datasheet
83Kb / 2P
10 Amp NPN Silicon Power Transistors 125W
More results


Similar Description - MJ413

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
BU408D ISC-BU408D Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com