Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD907 Datasheet (PDF) - Inchange Semiconductor Company Limited

BD907 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BD907
Download  BD907 Download
File Size   106.35 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

BD907 Datasheet (PDF)

Go To PDF Page Download Datasheet
BD907 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BD907
Download  BD907 Click to download

File Size   106.35 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

BD907 Datasheet (HTML) - Inchange Semiconductor Company Limited


BD907 Product details

DESCRIPTION
• DC Current Gain -
   : hFE = 40@ IC= 0.5A
• Collector-Emitter Sustaining Voltage-
   : VCEO(SUS)= 60V(Min)
• Complement to Type BD908

APPLICATIONS
• Designed for use in general purpose power amplifier and switching applications.




Similar Part No. - BD907

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD907 MOSPEC-BD907 Datasheet
143Kb / 3P
POWER TRANSISTORS(15A,90W)
logo
Boca Semiconductor Corp...
BD907 BOCA-BD907 Datasheet
149Kb / 3P
COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
BD907 CDIL-BD907 Datasheet
127Kb / 4P
PLASTIC POWER TRANSISTORS
logo
Rohm
BD9070FP ROHM-BD9070FP Datasheet
162Kb / 6P
Silicon Monolithic Integrated Circuit
logo
Continental Device Indi...
BD907NPN CDIL-BD907NPN Datasheet
127Kb / 4P
PLASTIC POWER TRANSISTORS
More results


Similar Description - BD907

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
BU408D ISC-BU408D Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com