Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE16002 Datasheet (PDF) - Motorola, Inc

MJE16002 Datasheet PDF - Motorola, Inc
Part # MJE16002
Download  MJE16002 Download
File Size   425.35 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 5.0 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 80 WATTS

MJE16002 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE16002 Datasheet PDF - Motorola, Inc

Part # MJE16002
Download  MJE16002 Click to download

File Size   425.35 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 5.0 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 80 WATTS

MJE16002 Datasheet (HTML) - Motorola, Inc


MJE16002 Product details

These transistors are designed for high-voltage, high-speed switching of inductive circuits where fall time and RBSOA are critical. They are particularly well-suited for line-operated switchmode applications.
The MJE16004 is a high-gain version of the MJE16002 and MJH16002 for applications where drive current is limited.

Typical Applications:
• Switching Regulators
• High Resolution Deflection Circuits
• Inverters
• Motor Drives
• Fast Switching Speeds
    50 ns Inductive Fall Time @ 75°C (Typ)
    70 ns Crossover Time @ 75°C (Typ)
• 100°C Performance Specified for:
    Reverse-Biased SOA
    Inductive Switching Times
    Saturation Voltages
    Leakage Currents
   




Similar Part No. - MJE16002

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE16002 MOSPEC-MJE16002 Datasheet
190Kb / 4P
POWER TRANSISTORS(5A,450V,80W)
logo
ON Semiconductor
MJE16002 ONSEMI-MJE16002 Datasheet
425Kb / 10P
NPN SILICON POWER TRANSISTORS
1995 REV 2
logo
New Jersey Semi-Conduct...
MJE16002 NJSEMI-MJE16002 Datasheet
126Kb / 3P
SWITCHMODE Series NPN Silicon Power Transistors
More results


Similar Description - MJE16002

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N3715 MOTOROLA-2N3715 Datasheet
272Kb / 6P
10 AMPERE POWER TRANSISTORS SILICON NPN 60.80 VOLTS 150 WATTS
BU522B MOTOROLA-BU522B Datasheet
105Kb / 4P
7 AMPERES DARLINGTON POWER TRANSISTORS NPN SILICON 450 VOLTS 75 WATTS
MJ10009 MOTOROLA-MJ10009 Datasheet
235Kb / 8P
20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 450 and 500 VOLTS 175 WATTS
MJ16010 MOTOROLA-MJ16010 Datasheet
548Kb / 10P
15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS
MJE171 MOTOROLA-MJE171 Datasheet
172Kb / 4P
3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
MJE2360T MOTOROLA-MJE2360T Datasheet
98Kb / 4P
0.5 AMPERE POWER TRANSISTORS NPN SILICON 350 VOLTS 30 WATTS
MJE8503A MOTOROLA-MJE8503A Datasheet
89Kb / 4P
POWER TRANSISTORS 5.0 AMPERES 1500 VOLTS - BVCES 80 WATTS
TIP29B MOTOROLA-TIP29B Datasheet
137Kb / 4P
1 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 80-100 VOLTS 30 WATTS
logo
ON Semiconductor
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
2N5038 ONSEMI-2N5038_07 Datasheet
84Kb / 3P
NPN Silicon Transistors 20 AMPERE POWER TRANSISTORS 90 VOLTS - 140 WATTS
August, 2007 - Rev. 12
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com