Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ10009 Datasheet (PDF) - Motorola, Inc

MJ10009 Datasheet PDF - Motorola, Inc
Part # MJ10009
Download  MJ10009 Download
File Size   235.91 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 450 and 500 VOLTS 175 WATTS

MJ10009 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ10009 Datasheet PDF - Motorola, Inc

Part # MJ10009
Download  MJ10009 Click to download

File Size   235.91 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 450 and 500 VOLTS 175 WATTS

MJ10009 Datasheet (HTML) - Motorola, Inc


MJ10009 Product details

The MJ10009 Darlington transistor is designed for high–voltage, high–speed, power switching in Inductive circuits where fall time is critical. It is particularly suited for line operated switchmode applications such as:

• Switching Regulators
• Inverters
• Solenoid and Relay Drivers
• Motor Controls
• Deflection Circuits
Fast Turn–Off Times
    1.6 µs (max) Inductive Crossover Time – 10 A, 100°C
    3.5 µs (max) Inductive Storage Time – 10 A, 100°C
Operating Temperature Range –65 to +200°C
100°C Performance Specified for:
    Reversed Biased SOA with Inductive Loads
    Switching Times with Inductive Loads
    Saturation Voltages
    Leakage Currents




Similar Part No. - MJ10009

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ10009 MOSPEC-MJ10009 Datasheet
189Kb / 4P
POWER TRANSISTORS(20A,400-500V,175W)
logo
ON Semiconductor
MJ10009 ONSEMI-MJ10009 Datasheet
235Kb / 8P
NPN SILICON POWER DARLINGTON TRANSISTORS
1995 REV 2
logo
Wing Shing Computer Com...
MJ10009 WINGS-MJ10009 Datasheet
21Kb / 1P
NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Boca Semiconductor Corp...
MJ10009 BOCA-MJ10009 Datasheet
196Kb / 4P
SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSISTORS WITH BASE-EMITTER SPEEDUP DIODE
logo
New Jersey Semi-Conduct...
MJ10009 NJSEMI-MJ10009 Datasheet
101Kb / 2P
NPN SILICON POWER DARLINGTON TRANSISTORS WITH BASE-EMITTER SPEEDUP DIODE
More results


Similar Description - MJ10009

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BU323A MOTOROLA-BU323A Datasheet
239Kb / 6P
16 AMPERE PEAK POWER TRANSISTOR DARLINGTON NPN SILICON 400 VOLTS 175 WATTS
BU522B MOTOROLA-BU522B Datasheet
105Kb / 4P
7 AMPERES DARLINGTON POWER TRANSISTORS NPN SILICON 450 VOLTS 75 WATTS
MJ10000 MOTOROLA-MJ10000 Datasheet
212Kb / 8P
20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 VOLTS 175 WATTS
MJ10005 MOTOROLA-MJ10005 Datasheet
229Kb / 8P
20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS
MJ10012 MOTOROLA-MJ10012 Datasheet
191Kb / 6P
10 AMPERE POWER TRANSISTORS DARLINGTON NPN SILICON 400 VOLTS 175 AND 118 WATTS
MJ10015 MOTOROLA-MJ10015 Datasheet
217Kb / 6P
50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS
MJ13333 MOTOROLA-MJ13333 Datasheet
278Kb / 8P
20 AMPERE NPN SILICON POWER TRANSISTORS 400-500 VOLTS 175 WATTS
MJ16010 MOTOROLA-MJ16010 Datasheet
548Kb / 10P
15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS
MJE16002 MOTOROLA-MJE16002 Datasheet
425Kb / 10P
5.0 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 80 WATTS
logo
ON Semiconductor
MJH6284 ONSEMI-MJH6284_06 Datasheet
82Kb / 5P
DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 100 VOLTS, 160 WATTS
July, 2006 ??Rev. 5
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com