Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ITS4130Q-EP-D Datasheet (PDF) - Infineon Technologies AG

ITS4130Q-EP-D Datasheet PDF - Infineon Technologies AG
Part # ITS4130Q-EP-D
Download  ITS4130Q-EP-D Download
File Size   1433.76 Kbytes
Page   42 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 130 m廓 Quad Channel Smart High-Side Power Switch

ITS4130Q-EP-D Datasheet (PDF)

Go To PDF Page Download Datasheet
ITS4130Q-EP-D Datasheet PDF - Infineon Technologies AG

Part # ITS4130Q-EP-D
Download  ITS4130Q-EP-D Click to download

File Size   1433.76 Kbytes
Page   42 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 130 m廓 Quad Channel Smart High-Side Power Switch

ITS4130Q-EP-D Datasheet (HTML) - Infineon Technologies AG




Similar Part No. - ITS4130Q-EP-D

ManufacturerPart #DatasheetDescription
logo
C&K Components
ITS4130-F-V1-S-TR CK-COMPONENTS-ITS4130-F-V1-S-TR Datasheet
851Kb / 9P
Illuminated Tact Switch
2021
ITS4130-FR1-S-TR CK-COMPONENTS-ITS4130-FR1-S-TR Datasheet
851Kb / 9P
Illuminated Tact Switch
2021
ITS4130-FR2-S-TR CK-COMPONENTS-ITS4130-FR2-S-TR Datasheet
851Kb / 9P
Illuminated Tact Switch
2021
ITS4130-FR3N-S-TR CK-COMPONENTS-ITS4130-FR3N-S-TR Datasheet
851Kb / 9P
Illuminated Tact Switch
2021
ITS4130-FV2-S-TR CK-COMPONENTS-ITS4130-FV2-S-TR Datasheet
851Kb / 9P
Illuminated Tact Switch
2021
More results


Similar Description - ITS4130Q-EP-D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS441R INFINEON-BTS441R_09 Datasheet
340Kb / 15P
Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.1, 2009-01-30
BTS441T INFINEON-BTS441T_08 Datasheet
309Kb / 15P
Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.11, 2008-12-09
logo
Texas Instruments
TPS4H160-Q1 TI1-TPS4H160-Q1 Datasheet
1Mb / 41P
40-V, 160-m廓 Quad-Channel Smart High-Side Switch
logo
Infineon Technologies A...
BTT6010-1ERA INFINEON-BTT6010-1ERA Datasheet
1Mb / 46P
Smart High-Side Power Switch Single Channel, 10 m廓
Rev. 1.00 2019-03-09
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
ITS4090Q-EP-D INFINEON-ITS4090Q-EP-D Datasheet
1Mb / 42P
90 m廓 Quad Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTT6030-1ERA INFINEON-BTT6030-1ERA Datasheet
1Mb / 53P
Smart High-Side Power Switch Single Channel, 31 m廓
Rev.1.00 2019-03-09
BTT6050-2ERA INFINEON-BTT6050-2ERA Datasheet
1Mb / 53P
Smart High-Side Power Switch Dual Channel, 50 m廓
Rev.1.00 2019-03-09
ITS4075Q-EP-D INFINEON-ITS4075Q-EP-D Datasheet
1Mb / 42P
75 m廓 Quad Channel Smart High-Side Power Switch
Rev. 1.01 2018-06-14
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com