Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1308 Datasheet (PDF) - Dallas Semiconductor

DS1308 Datasheet PDF - Dallas Semiconductor
Part # DS1308
Download  DS1308 Download
File Size   225.08 Kbytes
Page   14 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 64 X 8 Serial Real Time Clock

DS1308 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1308 Datasheet PDF - Dallas Semiconductor

Part # DS1308
Download  DS1308 Click to download

File Size   225.08 Kbytes
Page   14 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 64 X 8 Serial Real Time Clock

DS1308 Datasheet (HTML) - Dallas Semiconductor


DS1308 Product details

DESCRIPTION

The DS1307 Serial Real Time Clock is a low power, full BCD clock/calendar plus 56 bytes of nonvolatile SRAM. Address and data are transferred serially via a 2-wire bi-directional bus. The clock/calendar provides seconds, minutes, hours, day, date, month, and year information. The end of the month date is automatically adjusted for months with less than 31 days, including corrections for leap year. The clock operates in either the 24-hour or 12-hour format with AM/PM indicator. The DS1307 has a built-in power sense circuit which detects power failures and automatically switches to the battery supply.



FEATURES

■ Real time clock counts seconds, minutes, hours, date of the month, month, day of the week, and year with leap year compensation valid up to 2100

■ 56 byte nonvolatile RAM for data storage

■ 2-wire serial interface

■ Programmable squarewave output signal

■ Automatic power-fail detect and switch circuitry

■ Consumes less than 500 nA in battery backup mode with oscillator running

■ Optional industrial temperature range

   -40°C to +85°C (IND) available for DS1307 and DS1308

■ DS1307 available in 8-pin DIP or SOIC

■ DS1308 available in 36-pin SMD BGA (Ball Grid Array)

■ DS1308 accuracy is better than ±2 minute/month at 25°C

■ Recognized by Underwriters Laboratory



 




Similar Part No. - DS1308

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1308 MAXIM-DS1308 Datasheet
1Mb / 16P
Low-Current I2C RTC with 56-Byte NV RAM
Rev 0; 5/12
DS1308 MAXIM-DS1308 Datasheet
643Kb / 16P
Low-Current I2C RTC with 56-Byte NV RAM
19-6353; Rev 3; 4/15
logo
Bridgelux, Inc.
DS1308 BRIDGELUX-DS1308 Datasheet
1Mb / 21P
GEN9 V15 Array Series
10/2023
logo
Maxim Integrated Produc...
DS1308U-18+ MAXIM-DS1308U-18+ Datasheet
1Mb / 16P
Low-Current I2C RTC with 56-Byte NV RAM
Rev 0; 5/12
DS1308U-18+ MAXIM-DS1308U-18+ Datasheet
643Kb / 16P
Low-Current I2C RTC with 56-Byte NV RAM
19-6353; Rev 3; 4/15
More results


Similar Description - DS1308

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1307 DALLAS-DS1307 Datasheet
165Kb / 11P
64 X 8 Serial Real Time Clock
logo
Maxim Integrated Produc...
DS1307 MAXIM-DS1307_06 Datasheet
668Kb / 15P
64 x 8, Serial, I2C Real-Time Clock
REV: 121906
DS1307 MAXIM-DS1307 Datasheet
287Kb / 14P
64 x 8, Serial, I2C Real-Time Clock
REV: 100208
logo
Cypress Semiconductor
CY14C064I CYPRESS-CY14C064I Datasheet
2Mb / 41P
64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064PA CYPRESS-CY14C064PA Datasheet
1Mb / 43P
64-Kbit (8 K x 8) SPI nvSRAM with Real Time Clock with Real Time Clock
CY14C512I CYPRESS-CY14C512I Datasheet
1Mb / 41P
512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
logo
Tiger Electronic Co.,Lt...
DS1307 TGS-DS1307 Datasheet
178Kb / 11P
64 X 8 Serial Real Time Clock
logo
Cypress Semiconductor
CY14B512P CYPRESS-CY14B512P_13 Datasheet
1Mb / 35P
512-Kbit (64 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C064I CYPRESS-CY14C064I_13 Datasheet
2Mb / 40P
64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C512I CYPRESS-CY14C512I_13 Datasheet
2Mb / 41P
512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com