Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1308 Datasheet (PDF) - Maxim Integrated Products

DS1308 Datasheet PDF - Maxim Integrated Products
Part # DS1308
Download  DS1308 Download
File Size   2005.3 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Current I2C RTC with 56-Byte NV RAM

DS1308 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1308 Datasheet PDF - Maxim Integrated Products

Part # DS1308
Download  DS1308 Click to download

File Size   2005.3 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Current I2C RTC with 56-Byte NV RAM

DS1308 Datasheet (HTML) - Maxim Integrated Products


DS1308 Product details

General Description

The DS1308 serial real-time clock (RTC) is a low-power, full binary-coded decimal (BCD) clock/calendar plus 56 bytes of NV RAM. Address and data are transferred serially through an I2C interface. The clock/calendar provides seconds, minutes, hours, day, date, month, and year information. The end of the month date is automatically adjusted for months with fewer than 31 days, including corrections for leap year. The clock operates in either the 24-hour or 12-hour format with an AM/PM indicator. The DS1308 has a built-in power-sense circuit that detects power failures and automatically switches to the backup supply, maintaining time and date operation.



Features

♦ Low Timekeeping Current of 250nA (typ)

♦ Compatible with Crystal ESR Up to 100kω

♦ RTC Counts Seconds, Minutes, Hours, Date, Month, Day of the Week, and Year with Leap-Year Compensation Up to 2400

♦ 56-Byte, Battery-Backed, General-Purpose RAM with Unlimited Writes

♦ I2C Serial Interface

♦ External Clock Source for Synchronization Clock Reference (e.g., 32kHz, 50Hz/60Hz Powerline, GPS 1PPS)

♦ Programmable Square-Wave Output Signal

♦ Automatic Power-Fail Detect and Switch Circuitry

♦ -40NC to +85NC Operating Temperature Range

♦ Underwriters Laboratories (UL) Recognized



Applications

  Handhelds (GPS, POS Terminal)

  Consumer Electronics (Set-Top Box, Digital Recording, Network Appliance)

  Office Equipment (Fax/Printer, Copier)

  Medical (Glucometer, Medicine Dispenser)

  Telecommunications (Router, Switcher, Server)

  Other (Utility Meter, Vending Machine, Thermostat, Modem)



 




Similar Part No. - DS1308

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1308 DALLAS-DS1308 Datasheet
225Kb / 14P
64 X 8 Serial Real Time Clock
logo
Maxim Integrated Produc...
DS1308 MAXIM-DS1308 Datasheet
643Kb / 16P
Low-Current I2C RTC with 56-Byte NV RAM
19-6353; Rev 3; 4/15
logo
Bridgelux, Inc.
DS1308 BRIDGELUX-DS1308 Datasheet
1Mb / 21P
GEN9 V15 Array Series
10/2023
logo
Dallas Semiconductor
DS1308N DALLAS-DS1308N Datasheet
225Kb / 14P
64 X 8 Serial Real Time Clock
logo
Maxim Integrated Produc...
DS1308U-18+ MAXIM-DS1308U-18+ Datasheet
643Kb / 16P
Low-Current I2C RTC with 56-Byte NV RAM
19-6353; Rev 3; 4/15
More results


Similar Description - DS1308

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1338 MAXIM-DS1338 Datasheet
508Kb / 16P
I2C RTC with 56-Byte NV RAM
REV: 010307
MAX6916 MAXIM-MAX6916_05 Datasheet
338Kb / 28P
SPI-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 0; 10/05
MAX6917 MAXIM-MAX6917_05 Datasheet
315Kb / 31P
I2C-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 1; 10/05
DS1338 MAXIM-DS1338_08 Datasheet
268Kb / 16P
I2C RTC with 56-Byte NV RAM
REV: 100108
DS1338 MAXIM-DS1338_11 Datasheet
247Kb / 16P
I2C RTC with 56-Byte NV RAM
Rev 9/11
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
I2C RTC with Trickle Charger
Rev 7; 8/11
DS1338_1203 MAXIM-DS1338_1203 Datasheet
477Kb / 16P
I2C RTC with 56-Byte NV RAM
Rev 3/12
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
I2C RTC with Trickle Charger
Rev 8; 4/13
DS1308 MAXIM-DS1308_V01 Datasheet
643Kb / 16P
Low-Current I2C RTC with 56-Byte NV RAM
19-6353; Rev 3; 4/15
logo
NXP Semiconductors
PCF85053A NXP-PCF85053A Datasheet
662Kb / 43P
Bootable CPU RTC with two I2C buses, 128 byte SRAM and alarm function
Rev. 1.0 - 31 January 2023
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com