Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1487 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1487 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM1487
Download  HM1487 Download
File Size   2287.11 Kbytes
Page   16 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description high efficiency synchronous step-down DC-DC regulator capable of delivering 6A

HM1487 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM1487 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1487
Download  HM1487 Click to download

File Size   2287.11 Kbytes
Page   16 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description high efficiency synchronous step-down DC-DC regulator capable of delivering 6A

HM1487 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM1487 Product details

Description
The HM1487 develops a high efficiency synchronous step-down DC-DC regulator capable of delivering 6A current. The device integrates main switch and synchronous switch with very low RDS(ON) to minimize the conduction loss.
The HM1487 operates over a wide input voltage range from 4V to 23V. The DC-DC regulator adopts the instant PWM architecture to achieve fast transient responses for high step down applications and high efficiency at light load. The device provides various protection features for reliable operation. In addition, it operates at pseudo-constant frequency of 600kHz to minimize the size of inductor and capacitor.

Features
• Low RDS(ON) for internal switches (top/bottom): 38/19 mΩ
• Wide input voltage range: 4-23V
• Instant PWM architecture to achieve fast transient responses
• Internal 1.3ms soft-start limits the inrush current
• Pseudo-constant frequency: 600kHz.
• 6A output current capability
• +/-1% internal reference voltage
• PFM/PWM selectable light load operation mode
• Optional bypass input
• Power good indicator
• Output discharge function
• Output current limit protection
• Hiccup mode output short circuit protection
• Output over voltage protection
• Input UVLO
• Over temperature protection with auto recovery
• RoHS Compliant and Halogen Free
• Compact package: QFN3x3-20

Applications
• LCD-TV/Net-TV/3DTV
• Set Top Box
• Notebook
• High Power AP




Similar Part No. - HM1487

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1480 HMSEMI-HM1480 Datasheet
1Mb / 10P
Input range synchronous buck controller
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
30V,2.5A Step-Down Switching Regulator
HM1482D HMSEMI-HM1482D Datasheet
1Mb / 7P
30V 2A Synchronous Step-Down Regulator
HM1482E HMSEMI-HM1482E Datasheet
1Mb / 7P
18V 2.5A 500KHz Synchronous Step-Down Regulator
HM1483 HMSEMI-HM1483 Datasheet
1Mb / 14P
30V, 3.1A Monolithic Step-Down Switching Regulator in TSOT23-8
More results


Similar Description - HM1487

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
Monolithic 6A DC/DC Step-Down Regulator
ZL2106 INTERSIL-ZL2106 Datasheet
624Kb / 35P
6A Digital-DC Synchronous Step-Down DC-DC Converter
February 19, 2009
ZL2106 INTERSIL-ZL2106_10 Datasheet
571Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 11, 2010
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
high efficiency synchronous PWM step down DC/DC converter
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
Synchronous DC/DC Step-Down Regulator
logo
Intersil Corporation
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
936Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
934Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
logo
ELM Electronics
ELM600LA ELM-ELM600LA Datasheet
1Mb / 10P
high efficiency synchronous PWM step down DC/DC converter
logo
Renesas Technology Corp
EL7566 RENESAS-EL7566 Datasheet
751Kb / 14P
Monolithic 6A DC/DC Step-Down Regulator
ZL2106 RENESAS-ZL2106 Datasheet
1Mb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com