Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet (PDF) - NXP Semiconductors

98ASH70029A Datasheet PDF - NXP Semiconductors
Part # 98ASH70029A
Download  98ASH70029A Download
File Size   902.67 Kbytes
Page   37 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-Bit S08 central processor unit (CPU)

98ASH70029A Datasheet (PDF)

Go To PDF Page Download Datasheet
98ASH70029A Datasheet PDF - NXP Semiconductors

Part # 98ASH70029A
Download  98ASH70029A Click to download

File Size   902.67 Kbytes
Page   37 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-Bit S08 central processor unit (CPU)

98ASH70029A Datasheet (HTML) - NXP Semiconductors


98ASH70029A Product details

Key features
• 8-Bit S08 central processor unit (CPU)
   – Up to 20 MHz bus at 2.7 V to 5.5 V across
      temperature range of -40 °C to 105 °C
   – Supporting up to 40 interrupt/reset sources
   – Supporting up to four-level nested interrupt
   – On-chip memory
   – Up to 16 KB flash read/program/erase over full
      operating voltage and temperature
   – Up to 256 byte EEPROM; 2-byte erase sector;
      program and erase while executing flash
   – Up to 2048 byte random-access memory (RAM)
   – Flash and RAM access protection
• Power-saving modes
   – One low-power stop mode; reduced power wait
      mode
   – Peripheral clock enable register can disable clocks to
      unused modules, reducing currents; allows clocks to
      remain enabled to specific peripherals in stop3 mode
• Clocks
   – Oscillator (XOSC) - loop-controlled Pierce
      oscillator; crystal or ceramic resonator range of
      31.25 kHz to 39.0625 kHz or 4 MHz to 20 MHz
   – Internal clock source (ICS) - containing a frequency
      locked-loop (FLL) controlled by internal or external
      reference; precision trimming of internal reference
      allowing 1% deviation across temperature range of 0
      °C to 70 °C and 2% deviation across the whole
      operating temperature; up to 20 MHz
• System protection
   – Watchdog with independent clock source
   – Low-voltage detection with reset or interrupt;
      selectable trip points
   – Illegal opcode detection with reset
   – Illegal address detection with reset
• Development support
   – Single-wire background debug interface
   – Breakpoint capability to allow three breakpoints
      setting during in-circuit debugging
   – On-chip in-circuit emulator (ICE) debug module
      containing two comparators and nine trigger modes
• Peripherals
   – ACMP - one analog comparator with both positive
      and negative inputs; separately selectable interrupt
      on rising and falling comparator output; filtering
   – ADC - 12-channel, 12-bit resolution; 2.5 µs
      conversion time; data buffers with optional
      watermark; automatic compare function; internal
      bandgap reference channel; operation in stop mode;
      optional hardware trigger
   – CRC - programmable cyclic redundancy check
      module
   – FTM - two flex timer modulators modules including
      one 6-channel and one 2-channel ones; 16-bit
      counter; each channel can be configured for input
      capture, output compare, edge- or center-aligned
      PWM mode
   – IIC - One inter-integrated circuit module; up to 400
      kbps; multi-master operation; programmable slave
      address; supporting broadcast mode and 10-bit
      addressing; supporting SMBUS and PMBUS
   – MTIM - One modulo timer with 8-bit prescaler and
      overflow interrupt
   – RTC - 16-bit real timer counter (RTC)
   – SCI - two serial communication interface (SCI/
      UART) modules optional 13-bit break; full duplex
      non-return to zero (NRZ); LIN extension support
   – SPI - one 8-bit serial peripheral interface (SPI)
      modules; full-duplex or single-wire bidirectional;
      master or slave mode
   – TSI - supporting up to 16 external electrodes;
      configurable software or hardware scan trigger; fully
      support NXP touch sensing software library;
      capability to wake MCU from stop3 mode
• Input/Output
   – Up to 37 GPIOs including one output-only pin
   – One 8-bit keyboard interrupt module (KBI)
   – Two true open-drain output pins
   – Four, ultra-high current sink pins supporting 20 mA source/sink current
• Package options
   – 44-pin LQFP
   – 32-pin LQFP
   – 20-pin SOIC; 20-pin TSSOP
   – 16-pin TSSOP




Similar Part No. - 98ASH70029A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
98ASH70029A FREESCALE-98ASH70029A Datasheet
586Kb / 35P
MC9S08PA60 Series
logo
NXP Semiconductors
98ASH70029A NXP-98ASH70029A Datasheet
757Kb / 36P
MC9S08PA16A and MC9S08PA8A are recommended for new design
Rev. 4, 03/2020
98ASH70029A NXP-98ASH70029A Datasheet
897Kb / 41P
MC9S08PA60A and MC9S08PA32A are recommended for new design
Rev. 4, 09/2019
98ASH70029A NXP-98ASH70029A Datasheet
940Kb / 41P
MC9S08PT60A and MC9S08PT32A are recommended for new design
Rev. 6, 09/2019
98ASH70029A NXP-98ASH70029A Datasheet
845Kb / 38P
Power management module (PMC) with three power modes: Run, Wait, Stop
Rev. 7, 12/2019
More results


Similar Description - 98ASH70029A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08FL16 FREESCALE-MC9S08FL16 Datasheet
632Kb / 34P
8-Bit S08 Central Processor Unit (CPU)
MC9S08FL8CBM FREESCALE-MC9S08FL8CBM Datasheet
443Kb / 34P
8-Bit S08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08PA4 NXP-MC9S08PA4 Datasheet
504Kb / 29P
8-Bit S08 central processor unit
Rev. 8, 08/2018
MC9S08PL4 NXP-MC9S08PL4 Datasheet
471Kb / 25P
8-Bit S08 central processor unit
Rev. 1, 04/2018
MC9S08PL16 NXP-MC9S08PL16 Datasheet
438Kb / 27P
8-Bit S08 central processor unit
Rev. 1, 04/2018
MC9S08PL60 NXP-MC9S08PL60 Datasheet
504Kb / 29P
8-Bit S08 central processor unit
Rev. 1, 04/2018
MC9S08PB16 NXP-MC9S08PB16 Datasheet
724Kb / 32P
8-Bit S08 central processor unit (CPU)
Rev. 2.1, 11/2019
MC9S08PL16S NXP-MC9S08PL16S Datasheet
670Kb / 30P
8-Bit S08 central processor unit (CPU)
Rev. 2.1, 11/2019
S9S08RN60 NXP-S9S08RN60 Datasheet
687Kb / 36P
8-Bit S08 central processor unit (CPU)
Rev. 1, 01/2014
MC9S08FL16 NXP-MC9S08FL16 Datasheet
461Kb / 30P
8-Bit S08 Central Processor Unit (CPU)
Rev. 4, 5/2015
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com