Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet (PDF) - NXP Semiconductors

98ASH70029A Datasheet PDF - NXP Semiconductors
Part # 98ASH70029A
Download  98ASH70029A Download
File Size   845.91 Kbytes
Page   38 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Power management module (PMC) with three power modes: Run, Wait, Stop

98ASH70029A Datasheet (PDF)

Go To PDF Page Download Datasheet
98ASH70029A Datasheet PDF - NXP Semiconductors

Part # 98ASH70029A
Download  98ASH70029A Click to download

File Size   845.91 Kbytes
Page   38 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Power management module (PMC) with three power modes: Run, Wait, Stop

98ASH70029A Datasheet (HTML) - NXP Semiconductors


98ASH70029A Product details

Key features
   • Operating characteristics
   – Voltage range: 2.7 to 5.5 V
   – Flash write voltage range: 2.7 to 5.5 V
   – Temperature range (ambient): -40 to 105°C
   • Performance
   – Up to 20 MHz Arm® Cortex-M0+ core
   – Single cycle 32-bit x 32-bit multiplier
   – Single cycle I/O access port
   • Memories and memory interfaces
   – Up to 64 KB flash
   – Up to 256 B EEPROM
   – Up to 4 KB RAM
   • Clocks
   – Oscillator (OSC) - supports 32.768 kHz crystal or 4
      MHz to 20 MHz crystal or ceramic resonator; choice
      of low power or high gain oscillators
   – Internal clock source (ICS) - internal FLL with
      internal or external reference, 31.25 kHz
      pre-trimmed internal reference for 16 MHz system clock
      (able to be trimmed for up to 20 MHz system clock)
   – Internal 1 kHz low-power oscillator (LPO)
   • System peripherals
   – Power management module (PMC) with three power
      modes: Run, Wait, Stop
   – Low-voltage detection (LVD) with reset or interrupt,
      selectable trip points
   – Watchdog with independent clock source (WDOG)
   – Programmable cyclic redundancy check module
      (CRC)
   – Serial wire debug interface (SWD)
   – Bit manipulation engine (BME)
   • Security and integrity modules
   – 64-bit unique identification (ID) number per chip
   • Human-machine interface
   – Up to 57 general-purpose input/output (GPIO)
   – Two up to 8-bit keyboard interrupt modules (KBI)
   – External interrupt (IRQ)
   • Analog modules
   – One up to 16-channel 12-bit SAR ADC, operation in
      Stop mode, optional hardware trigger (ADC)
   – Two analog comparators containing a 6-bit DAC
      and programmable reference input (ACMP)
   • Timers
   – One 6-channel FlexTimer/PWM (FTM)
   – Two 2-channel FlexTimer/PWM (FTM)
   – One 2-channel periodic interrupt timer (PIT)
   – One real-time clock (RTC)
• Communication interfaces
   – Two SPI modules (SPI)
   – Up to three UART modules (UART)
   – One I2C module (I2C)
• Package options
   – 64-pin QFP/LQFP
   – 44-pin LQFP
   – 32-pin LQFP




Similar Part No. - 98ASH70029A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
98ASH70029A FREESCALE-98ASH70029A Datasheet
586Kb / 35P
MC9S08PA60 Series
logo
NXP Semiconductors
98ASH70029A NXP-98ASH70029A Datasheet
757Kb / 36P
MC9S08PA16A and MC9S08PA8A are recommended for new design
Rev. 4, 03/2020
98ASH70029A NXP-98ASH70029A Datasheet
897Kb / 41P
MC9S08PA60A and MC9S08PA32A are recommended for new design
Rev. 4, 09/2019
98ASH70029A NXP-98ASH70029A Datasheet
902Kb / 37P
8-Bit S08 central processor unit (CPU)
Rev. 4, 03/2020
98ASH70029A NXP-98ASH70029A Datasheet
940Kb / 41P
MC9S08PT60A and MC9S08PT32A are recommended for new design
Rev. 6, 09/2019
More results


Similar Description - 98ASH70029A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT30TL60T3G MICROSEMI-APTGT30TL60T3G Datasheet
217Kb / 7P
Three level inverter Trench Field Stop IGBT Power Module
APTGT30TL601G MICROSEMI-APTGT30TL601G Datasheet
231Kb / 7P
Three level inverter Trench Field Stop IGBT Power Module
APTGT50TL60T3G MICROSEMI-APTGT50TL60T3G Datasheet
217Kb / 7P
Three level inverter Trench Field Stop IGBT Power Module
APTGT50TL601G MICROSEMI-APTGT50TL601G Datasheet
232Kb / 7P
Three level inverter Trench Field Stop IGBT Power Module
APTGT75TL60T3G MICROSEMI-APTGT75TL60T3G Datasheet
222Kb / 7P
Three level inverter Trench Field Stop IGBT Power Module
APTGT100TL60T3G MICROSEMI-APTGT100TL60T3G Datasheet
224Kb / 7P
Three level inverter Trench Field Stop IGBT Power Module
APTGT150TL60G MICROSEMI-APTGT150TL60G Datasheet
226Kb / 7P
Three level inverter Trench Field Stop IGBT Power Module
APTGT300TL60G MICROSEMI-APTGT300TL60G Datasheet
225Kb / 7P
Three level inverter Trench Field Stop IGBT Power Module
logo
Freescale Semiconductor...
MC68HC711D3CFNE2 FREESCALE-MC68HC711D3CFNE2 Datasheet
908Kb / 124P
Power Saving STOP and WAIT Modes
MC68HC11E0CFNE2 FREESCALE-MC68HC11E0CFNE2 Datasheet
1Mb / 242P
M68HC11 CPU, Power-saving stop and wait modes, Low-voltage devices available (3.0??.5 Vdc)
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com