Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4231 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4231 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM4231
Download  HM4231 Download
File Size   1075.69 Kbytes
Page   11 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description Button battery charge management chip that can be powered by solar panel

HM4231 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM4231 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4231
Download  HM4231 Click to download

File Size   1075.69 Kbytes
Page   11 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description Button battery charge management chip that can be powered by solar panel

HM4231 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM4231 Product details

DESCRIPTION
HM4231 is a rechargeable button battery that can be powered by solar panels Charge management chip. The device includes power transistors, which should be It does not require external current detection resistors and blocking diodes when used. The internal charging current adaptive module can be based on the input power The current output capability automatically adjusts the charging current, and the user does not need to consider Considering the worst case, the current of the input power supply can be utilized to the maximum Output capacity, very suitable for using solar panels and other current output energy Power supply applications with limited power. +0 only needs very little Peripheral components are very suitable for the field of portable applications. The thermal modulation circuit can be used when the power consumption of the device is relatively large or the ambient temperature When the temperature is relatively high, control the chip temperature within a safe range. The internal fixed constant voltage charging voltage is 3.3V, and it can also be The external resistance is adjusted upwards, which is very suitable for coin-type lithium manganese batteries Battery, lithium iron phosphate battery and lithium battery charging applications. Rechargeable The flow is set by an external resistor. When the input voltage is powered down, HM4231 automatically enters the low-power sleep mode, at this time the battery The current consumption is less than 3 microamperes. Other features include low input voltage Locking, automatic recharging and charging status indication and other functions. HM4231 is available in a 6-pin SOT23 package (SOT23-6).

Features:
● Automatically adjust according to the current output capability of the input voltage source recharging current
● Voltages with limited output current capability such as solar panels can be used Power supply
● Very suitable for coin-type lithium manganese batteries, lithium iron phosphate batteries and Lithium battery charging application
● Input voltage range: 3.9V to 6V
● On-chip power transistor
● No need for external blocking diode and current detection resistor
● Constant voltage charging voltage 3.3V, also can pass an external resistor Up regulation
● Can be used as a voltage source
● Internal soft start circuit
● In order to activate deeply discharged batteries and reduce power consumption, Use trickle charging mode when the battery voltage is low
● Settable constant current charging current range 10mA to 300mA
● Use constant current/constant voltage/constant temperature mode to charge, Maximize the electrical current and prevent the chip from overheating
● Automatically enter a low-power sleep mode when the power supply voltage is off
● Charge status indication output
● C/10 charging end detection
● Automatic recharging
● Package form SOT23-6
● The product is lead-free, meets rohs, and does not contain halogen




Similar Part No. - HM4231

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HM42 HSMC-HM42 Datasheet
31Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
TT Electronics.
HM42 TTELEC-HM42 Datasheet
770Kb / 2P
Gate Drive Transformers
logo
Vaisala
HM42 VAISALA-HM42 Datasheet
1Mb / 4P
HUMICAPâ Handheld Humidity and Temperature Meter Series
logo
List of Unclassifed Man...
HM42-10001LF ETC2-HM42-10001LF Datasheet
477Kb / 2P
Operating Temperature Range
logo
Bi technologies
HM42-10001LF BITECH-HM42-10001LF Datasheet
312Kb / 2P
Gate Drive Transformers
More results


Similar Description - HM4231

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3945 NSC-LP3945 Datasheet
337Kb / 15P
Battery Charge Management System
logo
Shanghai Consonance Ele...
CN3065 CONSONANCE-CN3065 Datasheet
298Kb / 11P
Lithium Ion Battery Charger for Solar-Powered Systems
logo
Shenzhen Huazhimei Semi...
HM4031 HMSEMI-HM4031 Datasheet
2Mb / 7P
Switch boost type lithium battery charge management chip
HM4251 HMSEMI-HM4251 Datasheet
972Kb / 12P
Lithium battery charge management chip with solar panel
HM4205 HMSEMI-HM4205 Datasheet
637Kb / 9P
Solar lithium battery charge and discharge management chip
HM4060 HMSEMI-HM4060 Datasheet
601Kb / 13P
Switch type lithium battery charge management chip
HM4209 HMSEMI-HM4209 Datasheet
2Mb / 14P
single-cell lithium battery charge management chip
HM5065 HMSEMI-HM5065 Datasheet
1Mb / 13P
battery charge management chip
HM4251B HMSEMI-HM4251B Datasheet
978Kb / 13P
Lithium iron phosphate battery charge management chip
logo
Maxim Integrated Produc...
MAX17710GB20EVKIT MAXIM-MAX17710GB20EVKIT Datasheet
1Mb / 8P
Self-Powered by On-Board Solar Cells
Rev 0; 3/12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com