Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE172 Datasheet (PDF) - ON Semiconductor

MJE172 Datasheet PDF - ON Semiconductor
Part # MJE172
Download  MJE172 Download
File Size   172.52 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description POWER TRANSISTORS COMPLEMENTARY SILICON

MJE172 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE172 Datasheet PDF - ON Semiconductor

Part # MJE172
Download  MJE172 Click to download

File Size   172.52 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description POWER TRANSISTORS COMPLEMENTARY SILICON

MJE172 Datasheet (HTML) - ON Semiconductor


MJE172 Product details

Complementary Plastic Silicon Power Transistors

The MJE170/180 series is designed for low power audio amplifier and low current, high speed switching applications.

Features
• Collector−Emitter Sustaining Voltage −
   VCEO(sus) = 40 Vdc − MJE170, MJE180
                      = 60 Vdc − MJE171, MJE181
                      = 80 Vdc − MJE172, MJE182
• DC Current Gain −
   hFE = 30 (Min) @ IC = 0.5 Adc
           = 12 (Min) @ IC = 1.5 Adc
• Current−Gain − Bandwidth Product −
   fT = 50 MHz (Min) @ IC = 100 mAdc
• Annular Construction for Low Leakages −
   ICBO = 100 nA (Max) @ Rated VCB
• Epoxy Meets UL 94 V−0 @ 0.125 in
• ESD Ratings: Machine Model, C
                         Human Body Model, 3B
• Pb−Free Packages are Available*




Similar Part No. - MJE172

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE172 MOSPEC-MJE172 Datasheet
228Kb / 4P
POWER TRANSISTORS(3.0A,40-80V,12.5W)
logo
Motorola, Inc
MJE172 MOTOROLA-MJE172 Datasheet
172Kb / 4P
3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172 Datasheet
54Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Sep-1998
logo
Samsung semiconductor
MJE172 SAMSUNG-MJE172 Datasheet
193Kb / 5P
PNP (LOW FREQUENCY AMPLIFIER)
logo
Fairchild Semiconductor
MJE172 FAIRCHILD-MJE172 Datasheet
49Kb / 5P
Low Power Audio Amplifier Low Current, High Speed Switching Applications
More results


Similar Description - MJE172

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com