Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE172 Datasheet (PDF) - Motorola, Inc

MJE172 Datasheet PDF - Motorola, Inc
Part # MJE172
Download  MJE172 Download
File Size   172.52 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS

MJE172 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE172 Datasheet PDF - Motorola, Inc

Part # MJE172
Download  MJE172 Click to download

File Size   172.52 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS

MJE172 Datasheet (HTML) - Motorola, Inc


MJE172 Product details

3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60–80 VOLTS 12.5 WATTS

. . . designed for low power audio amplifier and low current, high speed switching applications.

• Collector–Emitter Sustaining Voltage —
      VCEO(sus) = 60 Vdc — MJE171, MJE181
      VCEO(sus) = 80 Vdc — MJE172, MJE182
• DC Current Gain —
      hFE = 30 (Min) @ IC = 0.5 Adc
      hFE = 12 (Min) @ IC = 1.5 Adc
• Current–Gain — Bandwidth Product — fT = 50 MHz (Min) @ IC = 100 mAdc
• Annular Construction for Low Leakages — ICBO = 100 nA (Max) @ Rated VCB




Similar Part No. - MJE172

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE172 MOSPEC-MJE172 Datasheet
228Kb / 4P
POWER TRANSISTORS(3.0A,40-80V,12.5W)
logo
ON Semiconductor
MJE172 ONSEMI-MJE172 Datasheet
172Kb / 4P
POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 2
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172 Datasheet
54Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Sep-1998
logo
Samsung semiconductor
MJE172 SAMSUNG-MJE172 Datasheet
193Kb / 5P
PNP (LOW FREQUENCY AMPLIFIER)
logo
Fairchild Semiconductor
MJE172 FAIRCHILD-MJE172 Datasheet
49Kb / 5P
Low Power Audio Amplifier Low Current, High Speed Switching Applications
More results


Similar Description - MJE172

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N3055 MOTOROLA-2N3055 Datasheet
130Kb / 4P
15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
D45C MOTOROLA-D45C Datasheet
94Kb / 4P
4.0 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS
MJE2955T MOTOROLA-MJE2955T Datasheet
129Kb / 4P
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 VOLTS 75 WATTS
MJH6282 MOTOROLA-MJH6282 Datasheet
209Kb / 6P
DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
TIP29B MOTOROLA-TIP29B Datasheet
137Kb / 4P
1 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 80-100 VOLTS 30 WATTS
logo
ON Semiconductor
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
MJE171 ONSEMI-MJE171_06 Datasheet
83Kb / 6P
Complementary Plastic Silicon Power Transistors 40 ??60 ??80 VOLTS 12.5 WATTS
January, 2006 ??Rev. 9
2N6488G ONSEMI-2N6488G Datasheet
148Kb / 6P
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
2N6491G ONSEMI-2N6491G Datasheet
148Kb / 6P
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com